Part Number Hot Search : 
XN421N LM317P AK25GB40 P6KE20 NPT2019 ENA1266 SDR710 AL14H2CJ
Product Description
Full Text Search
  capacitor-adjustable Datasheet PDF File

For capacitor-adjustable Found Datasheets File :: 14111    Search Time::1.235ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    B1587 B1587S-1.5 B1587S-2.5 B1587S-3.0 B1587S-3.3 B1587S-5 B1587S-ADJ B1587J-1.5 B1587J-2.5 B1587J-3.0 B1587J-3.3 B1587J

BayLinear
ETC
Part No. B1587 B1587S-1.5 B1587S-2.5 B1587S-3.0 B1587S-3.3 B1587S-5 B1587S-ADJ B1587J-1.5 B1587J-2.5 B1587J-3.0 B1587J-3.3 B1587J-ADJ B1587J-5 B1587T-2.5 B1587T-ADJ B1587T-3.3 B1587D-1.5 B1587D-2.5 B1587D-5
OCR Text .... However, the use of an output capacitor is required in order to insure the stability and the performances. Stability The output capacitor ...Adjustable Regulator BAY B1587 V REF I ADJ V OU T V OU T R1 This current will go th...
Description 3.0V 4.0A low dropout voltage regulator
2.5V 4.0A low dropout voltage regulator
4.0A Low Dropout Voltage Regulator Adjustable & Fix Output
1.5V 4.0A low dropout voltage regulator
3.3V 4.0A low dropout voltage regulator
Adjustable 4.0A low dropout voltage regulator

File Size 106.91K  /  8 Page

View it Online

Download Datasheet





    NCV8512PW50G NCV8512 NCV8512PW50R2G

ONSEMI[ON Semiconductor]
Part No. NCV8512PW50G NCV8512 NCV8512PW50R2G
OCR Text ...eeded connect to ground. Timing capacitor for RESET function. Ground. All GND leads must be connected to Ground. Active reset (accurate to V...Adjustable Reset Function If the reset adjust option is not needed, the RADJ pin should be connec...
Description 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG

File Size 94.56K  /  10 Page

View it Online

Download Datasheet

    AAT1123IJS-0.6-T1 AAT1123IJS-1.2-T1 AAT112307

Advanced Analog Technology, Inc.
Advanced Analogic Technologies
Part No. AAT1123IJS-0.6-T1 AAT1123IJS-1.2-T1 AAT112307
OCR Text ...ith a small output inductor and capacitor. The AAT1123 is designed to maintain high efficiency throughout the operating range and provides f...Adjustable Down to 0.6V -- Fixed or Adjustable Version Fast Turn-On Time (100s Typical) 25A No Load ...
Description 1MHz Step-Down Converter

File Size 554.69K  /  20 Page

View it Online

Download Datasheet

    AAT1123 AAT1123IJS-0.6-T1

Advanced Analogic Technologies
Part No. AAT1123 AAT1123IJS-0.6-T1
OCR Text ...ith a small output inductor and capacitor. The AAT1123 is designed to maintain high efficiency throughout the operating range and provides f...Adjustable Down to 0.6V -- Fixed or Adjustable Version Fast Turn-On Time (100s Typical) 25A No Load ...
Description 1MHz Step-Down Converter

File Size 559.65K  /  20 Page

View it Online

Download Datasheet

    MIC5282

Micrel Semiconductor
Part No. MIC5282
OCR Text ... voltage input. connect 1 f capacitor from vin to gnd. 2, 3, 7 2, 3, 7 2, 3, 7 2, 3, 7 nc not internally connected...adjustable 1.27 5.5 v fixed 3.3v 3.2 3.3 3.4 3.13 3.3 3.47 fixed 5.0v 4.85 ...
Description Ultra-Low IQ, High-PSRR Linear Regulator

File Size 904.56K  /  19 Page

View it Online

Download Datasheet

    NCP1652A NCP1652DWR2G NCP1652ADR2G NCP1652DR2G NCP1652-10

ON Semiconductor
Part No. NCP1652A NCP1652DWR2G NCP1652ADR2G NCP1652DR2G NCP1652-10
OCR Text ... pin 1 1 c t an external timing capacitor (c t ) sets the oscillator frequency. a sawtooth between 0.2 v and 4 v sets the oscillator frequen...adjustable delay range (note 3) t delay(range) 0.08 ? 2.8 s non ? overlap adjustable delay leading...
Description High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
High Efficiency Single Stage Power Factor Correction and Step-down Controller
POWER FACTOR CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller

File Size 337.79K  /  34 Page

View it Online

Download Datasheet

For capacitor-adjustable Found Datasheets File :: 14111    Search Time::1.235ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of capacitor-adjustable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.77267980575562