PART |
Description |
Maker |
KLLU KLLU650 |
Execution Time (ns): 62.5 (@16MHz); Operating Frequency / Supply Voltage: 16MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 128K 2K; RAM: 6K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction
|
Littelfuse, Inc.
|
PIC16C505-04/P PIC16C505-04/SL PIC16C505-04E/P PIC |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 14-pin package. Easily adapted for app
|
Microchip
|
PIC16F630-E/P PIC16F630-E/SL PIC16F630-E/ST PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into a 14-pin package and featur This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PICMCU architecture into a 14-pin package and features 1
|
Microchip
|
PIC16C771T-E/SS PIC16LC771T-E/SO PIC16C717-E/SO PI |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
PIC16C432T-E/SS AC164029 PIC16C432-E/SS |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
PIC16CE623T-04/SO PIC16CE623T-04/SS PIC16CE623T-04 |
This powerful (133 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
PIC16C774T-E/L PIC16C774T-E/PT PIC16C773T-E/SO PIC |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
PIC18LF2320T-I/SOG PIC18LF2320-I/SO PIC18LF2320-I/ |
This powerful 10 MIPS (100 nanosecond instruction execution) yet easy-to-program (only 77 single word instructions) CMOS Flash-based ... This powerful 10 MIPS (100 nanosecond instruction execution), yet easy-to-program (only 77 single word instructions) CMOS Flash-based ...
|
Microchip
|
PIC16F630T-E/SL PIC16F630T-E/ST PIC16F630T-I/SL PI |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ...
|
Microchip
|
PIC16C781-I/SO PIC16C781-I/SS PIC16C781-I/P PIC16C |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
PIC16C433T-E/SO AC164030 PIC16C433-E/SO |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
PIC16F73T-E/ML PIC16F73T-E/SO PIC16F73T-E/SS PIC16 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin, 8-bit CMOS FLASH Microcontrollers
|
Microchip
|