PART |
Description |
Maker |
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
70EPF12J 70EPF10 70EPF10J 70EPF12 70EPF08 |
1200V Fast Recovery Diode in a PowIRtab package 1000V Fast Recovery Diode in a PowIRtab package 800V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
40EPF06 40EPF02 40EPF04 |
600V Fast Recovery Diode in a TO-247AC (2-Pin) package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 200V Fast Recovery Diode in a TO-247AC (2-Pin) package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
SD3553C SD3553C15S20K SD3553C20S20K SD3553C25S20K |
2500V Fast Recovery Diode in a B-44 (R-Puk) package 2000V Fast Recovery Diode in a B-44 (R-Puk) package 1600V Fast Recovery Diode in a B-44 (R-Puk) package FAST RECOVERY DIODES
|
International Rectifier
|
60EPF10 60EPF12 60CPF10 60CPF12 60EPF10PBF |
DIODE 60 A, 1000 V, SILICON, RECTIFIER DIODE, TO-247AC, MODIFIED TO-247AC, 3 PIN, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 1200V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC (2-Pin) package 1200V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
Vishay Semiconductors IRF[International Rectifier]
|
80EPF12 80EPF10 |
1200V Fast Recovery Diode in a TO-247AC package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
DH60-18A DH60-14A DH60-16A |
Fast Recovery Discrete Diodes From old datasheet system Fast Recovery Diode SONIC-FRD series
|
IXYS[IXYS Corporation]
|
TFR3T TFR3N |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|