PART |
Description |
Maker |
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
2SD2655 2SD655 |
Silicon NPN Transistor Silicon NPN Epitaxial Planer Low Frequency Power Amplifier TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
|
Hitachi Semiconductor TOSHIBA[Toshiba Semiconductor] Rohm
|
2SC4900 |
Silicon NPN Transistor Silicon NPN Epitaxial UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
2SD1692 2SD1692L 2SD1692K |
NPN SILICON DARLINGTON TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTOR Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 3A条一(c)|26
|
NEC Corp. NEC, Corp.
|
MPSW4506 MPSH10RLRA MPSH17RLRAG MPSH17RLRA MPSW45G |
One Watt Darlington Transistors NPN Silicon VHF/UHF Transistors NPN Silicon CATV Transistor One Watt Darlington Transistor NPN Silicon Amplifier Transistor PNP Silicon
|
ONSEMI[ON Semiconductor]
|
JANS2N3498L JANS2N3498 JANS2N3500L JANS2N3501L JAN |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 300 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5 NPN Transistor 500 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi, Corp. Honeywell International, Inc. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
2SC3832 |
Silicon NPN Transistor Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose) Silicon NPN Triple Diffused Planar Transistor(High Voltage And High Speed Switching Transistor)(硅NPN三倍扩散平面晶体管(高压和高速开关晶体管
|
Sanken Electric Co.,Ltd.
|
CMLM2205 |
MULTI DISCRETE MODULESURFACE MOUNT SILICON SWITCHING NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 600 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|
BC337BU BC33725TAR BC33740TANL BC33716TAR BC33716T |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Zetex Semiconductor PLC Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2SD596 2SD596-L 2SD596-T2B 2SD596DV1 2SD596DV4 2SD |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 700MA I(C) | SOT-346 晶体管|晶体管|叩| 25V的五(巴西)总裁| 700mA的一(c)|的SOT - 346 AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD Silicon transistor
|
NEC, Corp. NEC Corp. ETC
|
JANS2N3700S JANTXV2N3057A JANTX2N3057A JANS2N3057A |
LOW POWER NPN SILICON TRANSISTOR LOW POWER NPN SILICON TRANSISTOR 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|