PART |
Description |
Maker |
JS28F256P33BFA 320003 |
NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
|
Numonyx B.V
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
M58LR128KB855 M58LR128KB M58LR128KT M58LR128KT855 |
128 or 256 Mbit (隆驴16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories 128 or 256 Mbit (×16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
|
Numonyx B.V
|
S29PL256N65FAWW02 S29PL129N65FAWW00 S29PL256N65FAW |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION[SPANSION]
|
AM29LV200B AM29LV200BB-120EC AM29LV200BB-120ECB AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 80 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M58LR128KC765 M58LR128KD |
128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
|
Numonyx B.V
|
AM42DL3244GB25IT AM42DL3234GB25IT AM42DL3224GB25IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器
|
Advanced Micro Devices, Inc.
|
AM29LV200BB-120WAC AM29LV200BB-120WAF AM29LV200BB- |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PBGA48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Advanced Micro Devices, Inc.
|
AM29LV200BB-70DFC AM29LV200BB-70DWI AM29LV200BB-90 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 70 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 90 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 60 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56x 8-Bit/128x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 120 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56亩x 8-Bit/128亩x 16位)3.0伏的CMOS只,引导扇区快闪记忆体,修编模具1
|
Advanced Micro Devices, Inc.
|
S29PL129N70GAIW02 S29PL129N80FAIW03 S29PL129N80FAW |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
LPC2119 LPC2119FBD64 LPC2129 LPC2129FBD64 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
Philips Semiconductors
|
AM29F200BB-45EC AM29F200BB-45ED AM29F200BB-45EF AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
http://
|