PART |
Description |
Maker |
NCV8501 NCV8501D33G NCV8501DADJ NCV8501D100 NCV850 |
Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG 3.3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO8 Micropower 150 mA LDO Linear Regulators with ENABLE / DELAY / RESET / and Monitor FLAG
|
可调正电压单路输出LDO稳压 ONSEMI[ON Semiconductor]
|
NCV4269D1R2 NCV4269 NCV4269D1 NCV4269D2 NCV4269D2R |
5.0 V micropower 150 mA LDO linear regulator with DELAY, adjuistable RESET and sense output. Output voltage 5.0 V. 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4269PDR2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
NCV4279CD1R2 |
5.0 V micropower 150 mA LDO linear regulator with DELAY, adjuistable RESET and monitor FLAG.
|
ON Semiconductor
|
AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT321 |
150mA MicroPower??LDO with PowerOK 150mA MicroPower LDO with PowerOK 150mA MicroPower⑩ LDO with PowerOK Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes 150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
NCV8505D2TADJR4G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
LT1962-3.3 LT1962-1.5 LT1962-1.8 |
300mA, Low Noise, Micropower LDO Regulators(3.3V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.5V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.8V杈??,300mA, 浣??澹?寰????浣??宸???虹ǔ???)
|
Linear Technology Corporation
|
NCV86603D33R2G NCV86603DT50RKG NCV86604D50R2G NCV8 |
3.3 V / 150 mA Very Low Quiescent Current LDO w/ Reset, Delay Reset Select (16 ms / 64 ms) FIXED POSITIVE LDO REGULATOR, PDSO8 Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
|
ON Semiconductor
|
AAT3221IJS-1.9-T1 AAT3221IGV-2.3-T1 AAT3221IJS-1.8 |
150 mA NanopowerTM LDO Linear Regulator SC70JW-8 1.9V 150 mA NanopowerTM LDO Linear Regulator SOT23-5 2.3V 150 mA NanopowerTM LDO Linear Regulator SC70JW-8 1.8V
|
Skyworks Solutions
|
LT1763IDE-1.5 LT1763IDE-1.5-PBF LT1763IDE-1.5-TR L |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, MO-229WGED, DFN-12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
|