PART |
Description |
Maker |
MC33466-D |
Fixed Frequency PWM Micropower DC-to-DC Converter
|
ON Semiconductor
|
LP3302 |
1.1MHz Fixed-Frequency PWM Operation
|
Lowpower Semiconductor ...
|
LP3311S |
1MHz Fixed-Frequency PWM Operation
|
Lowpower Semiconductor ...
|
LP3301 |
1.5MHz Fixed-Frequency PWM Operation
|
Lowpower Semiconductor ...
|
MC44603-D MC44603 MC44603P MC44603DW |
MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER Mixed Frequency Mode GreenLine PWM Controller: Fixed Frequency, Variable Frequency, StanfByMode
|
ON Semiconductor
|
MC33466H-33JT1 MC33466H-30LT1 MC33466H-50JT1 MC334 |
FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3 CAP 1000PF 2000V 5% NP0(C0G) SMD-1825 TR-7 PLATED-NI/SN SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSSO3
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MC34060A11 |
Fixed Frequency, PWM Voltage Mode Single Ended Controllers
|
ON Semiconductor
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
MTD2005F10 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd
|
MTD2007F |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd
|
MC33060ADG |
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers 0.5 A SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDSO14
|
ON Semiconductor
|