PART |
Description |
Maker |
1617AB35 |
35 W, 25 V, 1600-1700 MHz common emitter transistor
|
GHz Technology
|
PS033.3NF/-21600V PS031.5NF/-21600V PS032.2NF/-201 |
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0056 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0068 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 2000 V, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 2000 V, 0.0027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.018 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
TE Connectivity, Ltd. Spectrum Control, Inc. Power Dynamics, Inc.
|
MAPLST1617-030CF MAPLST1617-030CF-15 |
LDMOS RF Line Power FET Transistor LDMOS RF Line Power FET Transistor 30 W , 1600-1700 MHz, 28V
|
M/A-COM Technology Solu...
|
ESMD-169 ESMD-169TR |
1-3500 MHz, surface mount mixer, RF power 50mW E-Series Surface Mount Mixer 1 - 3500 MHz MICRO TERMINAL STRIP CENTERLINE: .050" (1,27MM) E系列表面贴装混合1 - 3500兆赫
|
MA-Com MACOM[Tyco Electronics] Littelfuse, Inc.
|
ZAPD-162-75 |
Power Splitter/Combiner 2 Way-0 75Ω 600 to 1600 MHz Power Splitter/Combiner 2 Way-0 75惟 600 to 1600 MHz Power Splitter/Combiner 2 Way-0 75ヘ 600 to 1600 MHz
|
Mini-Circuits
|
ADL5358 ADL5358-EVALZ ADL5358ACPZ-R2 ADL5358ACPZ-R |
500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
|
Analog Devices
|
18T-1900F |
1700 MHz - 2100 MHz ANTENNA-OTHER, 18 dBi GAIN, 14 deg 3dB BEAMWIDTH
|
ANDREW CORP
|
MPS-173011-86 |
1400 MHz - 1700 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER HERMETIC
|
MicroWave Technology, Inc.
|
ADL5323-EVAL ADL5323ACPZ-WP ADL5323 ADL5323ACPZ-R7 |
1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
|
AD[Analog Devices]
|
|