PART |
Description |
Maker |
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
1477A-12-5 1477A-112-5 1477C-112-5 1475G-181-5 147 |
BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
1304C-00 2000F-12 2000F-32 2000F-112 WINCHESTERELE |
BRASS, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
05A-181 1614C-3 1605C-00-12 1614D-33-12 1603C-5-12 |
BRASS, ZINC FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
08-65-0118 000850-0116 0008-50-0116 08-58-0127 000 |
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
72118-C |
9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 18 Circuits
|
Molex Electronics Ltd.
|
57990-9810 |
.187 MP-LOCK Terminal for Sleeve BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
|