PART |
Description |
Maker |
MB8421 MB8422 |
(MB8422) CMOS 16K Bit Dual Port SRAM (MB8421) CMOS 16K Bit Dual Port SRAM
|
Fujitsu
|
PI3B16245AE PI3B16245VE PI3B162245 PI3B16245 |
3.3V, 16-Bit, 2-Port NanoSwitch? 3.3V/ 16-Bit/ 2-Port NanoSwitch 3.3V/ Hot Insertion/ 16-Bit/ 2-Port BusSwitch 3.3V, 16-Bit, 2-Port NanoSwitch 3.3伏,16位,2端口NanoSwitch 3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch 3.3,热插入6位,2端口BusSwitch
|
Pericom Semiconductor C... Pericom Technology Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
MB81C4251 |
1M-Bit Dual Port CMOS DRAM
|
Fujitsu Media Devices
|
MB81C4253 |
1M-Bit Dual Port CMOS DRAM
|
Fujitsu Media Devices
|
MB8441-45 MB8441-55 |
CMOS 64K-BIT DUAL PORT SRAM
|
Fujitsu Component Limited. Fujitsu Limited ETC Fujitsu Media Devices Limited
|
7025ERPQS-45 7025E 7025ERPQB-35 7025ERPQB-45 7025E |
(8K x 16-Bit) Dual Port RAM High-Speed CMOS
|
MAXWELL[Maxwell Technologies]
|
ADSP-2184NBST-320 ADSP-2184NKST-320 ADSP-2185NBST- |
16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 256KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 160KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 20KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 40KB RAM DSP Microcomputer
|
Analog Devices
|
CAT9554 CAT9554A CAT9554AWI-G CAT9554AWI-GT2 |
I<sup>2</sup>C / SMBUS Expander, 8-bit, w/int 8-bit I2C and SMBus I/O Port with Interrupt 8-bit I虏C and SMBus I/O Port with Interrupt 8-bit I漏梅C and SMBus I/O Port with Interrupt
|
http:// ON Semiconductor
|
MAX166 MAX166ACPP MAX166ACWP MAX166AEPP MAX166AEWP |
CMOS μP-Compatible, 5μs, 8-Bit ADCs CMOS microprocessor-compatible, 5 microsec, 8-bit ADC. Error -1 LSB. Plug-in upgrade to the MX7575. CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP18 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP20 CMOS P-Compatible, 5レs, 8-Bit ADCs CMOS P-Compatible / 5s / 8-Bit ADCs CMOS ??-Compatible, 5??, 8-Bit ADCs CMOS P-Compatible 5s 8-Bit ADCs CMOS P-Compatible, 5s, 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
|