PART |
Description |
Maker |
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
IPD230N06NG IPD230N06NG08 |
OptiMOS庐 Power-Transistor Features For dc/dc converters and sync. rectification OptiMOS? Power-Transistor Features For dc/dc converters and sync. rectification 30 A, 60 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Infineon Technologies AG
|
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
SPD30P06P08 SPD30P06P SPD30P06PG |
SIPMOSò Power-Transistor Features Enhancement mode Avalanche rated SIPMOS? Power-Transistor Features Enhancement mode Avalanche rated
|
Infineon Technologies AG
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
SPSGRF |
RF features
|
STMicroelectronics
|
RLT360-BL-TO18 |
FEATURES AND APPLICATIONS
|
Roithner LaserTechnik G...
|
MBT14XHS MBT27HS MBT33XHS MBT33SS MBT14SS MBT14HS |
Features & Benefits
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
HMS91C7432 |
HMS91C7432 features and functions
|
Hynix Semiconductor
|
HE3321A0400 HE3321B0400 HE3321B2400 HE3321C1200 HE |
HE3300 S.I.L Relay Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
EFM8SB20F32G-A-QFN32 EFM8SB20F64G-A-QFN32 EFM8SB20 |
The EFM8SB2 highlighted features are listed below
|
Silicon Laboratories
|