PART |
Description |
Maker |
NSS12601CF8T1G NSS12601CF8 |
Low V-CE(sat) Transistor, NPN, 12 V, 8.0 A 12 V, 8.0 A, Low V<sub>CE(sat)</sub> NPN Transistor 6000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR 12 V, 8.0 A, Low VCE(sat) NPN Transistor
|
Rectron Semiconductor
|
2SA1585S 2SB1424 A5800357 2SB1424Q 2SA1585SR |
TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low Vce(sat) Transistor (-20V, -3A) From old datasheet system Low VCE(sat) Transistor(低VCE(sat)晶体 Low Vce(sat) Transistor (-20V/ -3A)
|
ROHM[Rohm] Rohm CO.,LTD.
|
NSS30201MR6T1G |
30V, 3A, Low VCE(sat) NPN Transistor(30V, 3A, 低VCE(sat) NPN晶体 2000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 30 V, 3 A, Low VCE(sat) NPN Transistor
|
ONSEMI[ON Semiconductor]
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
CMLT591E |
SMD Small Signal Transistor PNP Low VCE(SAT) PNP Low VCE(Sat) 1.0 Amp transistor
|
CENTRAL[Central Semiconductor Corp]
|
2SD1803 2SB1803S-H 2SB1803T-TL-E 2SB1803T-TL-H 2SB |
Bipolar Transistor 50V, (?5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
|
ON Semiconductor
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
2SC5964 2SA2125 2SA2125-TD-E 2SA2125-TD-H |
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
|
ON Semiconductor
|
CZT7090L |
SMD Bipolar Power Transistor PNP Low VCE(SAT) SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTO
|
CENTRAL[Central Semiconductor Corp]
|
ZXT11N15DF ZXT11N15DFTC ZXT11N15DFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN 15V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes, Inc. Diodes Incorporated Zetex Semiconductors
|
|