PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PIMC31 |
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors
|
PDTD123T PDTD123TK PDTD123TT PDTD123TS |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
CW1XCT52A0.015OHMJ CW1XCT52A0.024OHMJ CW1XCT52A0.0 |
RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.015 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.024 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.027 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.016 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.036 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.011 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.012 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.018 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.039 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.043 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.013 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 3 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 2 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 3 W, 1 %, 50 ppm, 0.604 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
UNR4223 |
Composite Device - Transistors with built-in Resistor 复合装置-内置晶体管,电阻 HEADER, 14 POS, 0.100C, LA 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic Industrial Solutions Panasonic, Corp.
|
TYM-200-10 TYM-500-10 TYM-100K-10 TYM-100-10 TYM-2 |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10 ohm
|
Vishay Intertechnology, Inc.
|
PDTC144EE PDTC144EEF PDTC144EK PDTC144EM PDTC144E |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼? NPN resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟 NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
DDTD133HC-7-F DDTD143EC DDTD113EC DDTD113EC09 DDTD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
EMG2DXV5T5 EMG2DXV5T1 EMG2DXV5T1G EMG2DXV5T5G EMG5 |
Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ONSEMI[ON Semiconductor]
|
BC817-16W Q62702-C2320 Q62702-C2323 Q62702-C2324 Q |
RES FIX, 324 OHM.125W 1% SMDA 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For general AF applications High collector current High current gain) 500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
PDTB123E PDTB123EK PDTB123ES PDTB123ET |
PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼?
|
NXP Semiconductors
|
|