PART |
Description |
Maker |
LT1786F LT1786FCS 1786F |
From old datasheet system SMBus Programmable CCFL Switching Regulator
|
LINER[Linear Technology]
|
MAX8731A |
The MAX8731A is an SMBus™ programmable multi-chemistry battery charger. The MAX8731A uses a minimal
|
Maxim Integrated Products
|
CAT9554 CAT9554A CAT9554AWI-G CAT9554AWI-GT2 |
I<sup>2</sup>C / SMBUS Expander, 8-bit, w/int 8-bit I2C and SMBus I/O Port with Interrupt 8-bit I虏C and SMBus I/O Port with Interrupt 8-bit I漏梅C and SMBus I/O Port with Interrupt
|
http:// ON Semiconductor
|
5962-8982301MTX 5962-8982301MZX 5962-8982304QXX 59 |
Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) Field Programmable Gate Array (FPGA) 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 SOT23, Switched-Capacitor Voltage Inverters with Shutdown 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 现场可编程门阵列(FPGA
|
Electronic Theatre Controls, Inc.
|
ADL5202 |
31.5 dB RANGE, 0.5 dB Step Size Programmable VGA
|
Analog Devices
|
L6911ETR L6911E |
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION 5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
|
ST Microelectronics STMicroelectronics
|
SC4524 |
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
|
Semtech Corporation
|
MP2115DQ |
2A Synchronous Step-Down Converter with Programmable Input Current Limit
|
Monolithic Power Systems
|
MP2490DQ MP2490CP MP2490DS |
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
|
Monolithic Power Systems
|
AS5132 AS5132-HSST |
360 Step Programmable High Speed Magnetic Rotary Encoder
|
ams AG
|
W83601R602R W83602R W83601R |
General Purpose Input/Output IC with SMBus. Provides 15 GPI/O pins GPI/O IC with SMBus. Provides 9 GPI/O pins and ACPI power control WINBOND GPI/O IC
|
Winbond Electronics WINBOND[Winbond]
|