PART |
Description |
Maker |
ICS9148-75 ICS9148F-PPP-T ICS9148F-75-T AV9148F-75 |
Frequency generator and integrated buffers for mother board Single Chip, 100MHz Aladdin V System Clock with Overclocking From old datasheet system Frequency Generator & Integrated Buffers for Mother Boards
|
ICST[Integrated Circuit Systems]
|
ICS9148-32 ICS9148F-32 9148F-32 |
BX Main Clock, 2 Chip Clock, Supports 66.6 - 100MHz Pentium/ProTM System Clock Chip 100 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48
|
ICST[Integrated Circuit Systems] INTEGRATED DEVICE TECHNOLOGY INC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
CAT33C108SI CAT33C108SI-TE13 CAT33C108K-TE13 CAT33 |
Clock Generator for Intel® Alviso Chipset 200-MHz Differential Clock Buffer/Driver 微型导线串行EEPROM Clock Synthesizer with Differential CPU Outputs 微型导线串行EEPROM Clock Generator for Intel® Alviso Chipset Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
|
Abracon, Corp.
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
ICS9248-66 ICS9248YF-66 ICS9248YF-66LF |
133.3 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 SSOP-48 Frequency Timing Generator for PENTIUM II Systems 820 Single Chip Clock, Supports 100 - 133MHz
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
K4H560838F-TC/LA2 K4H560838F-TC/LB3 K4H561638F-TC/ |
256Mb F-die DDR SDRAM Specification 256Mb的的F - DDR SDRAM内存芯片规格 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, Single Ch. 8-PDIP 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-PLCC -40 to 125
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
ICS9248-114 ICS9248YF-114-T AV9248F-114-T |
AMD-K7 system clock chip AMD - K7⑩ System Clock Chip AMD - K7 System Clock Chip AMD - K7System Clock Chip AMD公司- k7的⑩系统时钟芯片
|
ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
ICS9250-23 |
810E Single Chip Clock, Supports 66.6 - 200MHz
|
ICS
|
ICS9248-112 |
810E Single Chip Clock, Supports 66.6 - 166MHz
|
ICS
|
MC100H641FN MC10H641FN |
SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
|
Motorola, Inc
|