PART |
Description |
Maker |
OM5234ST OM5203DT OM5203RT OM5203ST OM5233DT OM523 |
16 Amp, 50 To 600 Volts, 35 To 50 ns trr 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 200V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package Center-Tapped Positive (CC) HS Rectifier From old datasheet system HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 8 A, SILICON, RECTIFIER DIODE, TO-257AA HERMETIC SEALED, METAL, TO-257AA, 3 PIN
|
List of Unclassifed Manufac... International Rectifier List of Unclassifed Manufacturers Omnirel Corp ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
HFA16TA60C |
600V 16A HEXFRED Common Cathode Diode in a TO-220AB package Ultrafast, Soft Recovery Diode Ultrafast/ Soft Recovery Diode
|
IRF[International Rectifier]
|
HFA16TB120S HFA16TB120STRR HFA16TB120STRL |
1200V 16A HEXFRED Discrete Diode in a D2-Pak (HEXFRED) package HEXFREDTM Ultrafast, Soft Recovery Diode
|
International Rectifier
|
HFA30PA60C HFB30PA60C |
600V 30A HEXFRED Common Cathode Diode in a TO-247AC package HEXFREDTM Ultrafast, Soft Recovery Diode
|
IRF[International Rectifier]
|
MURB2020CT-1 MUR2020CT MURB2020CT MURB2020CTTRL MU |
200V 20A HEXFRED Common Cathode Diode in a TO-220AB package Ultrafast Rectifier 200V 20A HEXFRED Common Cathode Diode in a D2-Pak (UltraFast) package 200V 20A HEXFRED Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
CDBD1545A CDBD1545C CDBD1540C CDBD1530C CDBD1530 |
SMD Schottky Barrier Rectifier 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 30 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 40 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common anode.
|
Comchip Technology
|
SBA160-04Y |
Schottky Barrier Diode (Twin Type Cathode Common) 40V, 16A Rectifier 40V, 16A Rectifier(用于高频整流应用的重复反向电0V,平均整流电6A 整流 40V/ 16A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
SBA160-09R |
90V/ 16A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 90V, 16A Rectifier
|
SANYO[Sanyo Semicon Device]
|
HFA25PB60 |
600V 25A HEXFRED Discrete Diode in a TO-247 (2 LEAD) package
|
International Rectifier
|
HFA160NJ40C |
400V 160A HEXFRED Common Cathode Diode in a TO-244AB Non-Isolated package
|
International Rectifier
|