PART |
Description |
Maker |
MC74F283N |
Processor Supervisory Circuits 5-SOT-23 -40 to 85 F/FAST SERIES, 4-BIT ADDER/SUBTRACTOR, PDIP16 4-BIT BINARY FULL ADDER(With Fast Carry)
|
Motorola Mobility Holdings, Inc.
|
HD74LS283 HD74LS283P HD74LS283FPEL |
4-bit Binary Full Adder
|
Renesas Electronics Corporation
|
HD74HC283 |
4-bit Binary Full Adder
|
Hitachi Semiconductor
|
TC74HC283AP07 |
4-Bit Binary Full Adder
|
Toshiba Semiconductor
|
74F283_04 74F283PC 74F283SC 74F28304 |
4-Bit Binary Full Adder with Fast Carry
|
FAIRCHILD[Fairchild Semiconductor]
|
UN1121 UNR1121 UN1124 UNR1124 UN1122 UNR1122 UN112 |
4-bit binary full adder Transistors with built-in Resistor
|
Matsshita / Panasonic
|
74F283 74F283_3 |
4-bit binary full adder with fast carry From old datasheet system
|
Philips
|
HD74LS83 HD74LS83A |
4-bit Binary Full Adder with Fast Carry 4-Bit Binary Full Adders(with Fast Carry)
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
MC14008B MC14008BCP MC14008BDR2 MC14008BF |
1A Single-Slot PC Card Power Switch w/ Parallel Interface 16-SSOP -40 to 85 4-Bit Full Adder
|
ONSEMI[ON Semiconductor]
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|