PART |
Description |
Maker |
DFS454 DFS45420 DFS45422 DFS45424 DFS45425 |
Fast Recovery Diode 365 A, 2500 V, SILICON, RECTIFIER DIODE Fast Recovery Diode 365 A, 2000 V, SILICON, RECTIFIER DIODE
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
10ETF06 10ETF02 10ETF04 |
FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a TO-220AC package 400V Fast Recovery Diode in a TO-220AC package 600V Fast Recovery Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
70EPF12J 70EPF10 70EPF10J 70EPF12 70EPF08 |
1200V Fast Recovery Diode in a PowIRtab package 1000V Fast Recovery Diode in a PowIRtab package 800V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
APT15DQ60KG |
Fast Recovery Epitaxial Diode; Package: TO-220 [K]; IO (A): 15; VR (V): 600; trr (nsec): 16; VF (V): 2; Qrr (nC): 250; 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Microsemi, Corp.
|
SD1053C18S20L SD1053C18S30L SD1053C22S20L SD1053C2 |
920 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 1050 A, 2200 V, SILICON, RECTIFIER DIODE, DO-200AB 3000V Fast Recovery Diode in a DO-200AB (B-Puk) package 2800V Fast Recovery Diode in a DO-200AB (B-Puk) package 2500V Fast Recovery Diode in a DO-200AB (B-Puk) package 2200V Fast Recovery Diode in a DO-200AB (B-Puk) package 1800V Fast Recovery Diode in a DO-200AB (B-Puk) package
|
VISHAY SEMICONDUCTORS International Rectifier
|
SDW80S600 |
65ns Fast Recovery Diode, 600V Vrrm, 80A If, 1.5V Peak Forward Voltage Fast Soft Recovery Rectifier Diode
|
SEMIWELL[SemiWell Semiconductor]
|
10ETF12FP 10ETF10FP |
1200V Fast Recovery Diode in a TO-220 FullPak package 1000V Fast Recovery Diode in a TO-220 FullPak package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
SD2053C40S50R SD2053C32S50R SD2053C36S50R SD2053C4 |
4000V Fast Recovery Diode in a B-44 (R-Puk) package 3200V Fast Recovery Diode in a B-44 (R-Puk) package 3600V Fast Recovery Diode in a B-44 (R-Puk) package 4500V Fast Recovery Diode in a B-44 (R-Puk) package
|
International Rectifier
|
SD253R16S20PV SD253N SD253N04S15MBV SD253N04S15MSV |
FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本 1200V Fast Recovery Diode in a DO-205AB (DO-9) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
DH60-18A DH60-14A DH60-16A |
Fast Recovery Discrete Diodes From old datasheet system Fast Recovery Diode SONIC-FRD series
|
IXYS[IXYS Corporation]
|