PART |
Description |
Maker |
ADSP-2100A ADSP-2101BG-100 ADSP-2101BG-66 ADSP-211 |
(666.40 k) 666.40十一 ADSP-2100 Family DSP Microcomputers ADSP - 2100系列DSP的微 PC MC 10MBPS UTP/BNC TRANS PNP 80VCEO .5A TO-92L PowerBlade Electricians Knife ADSP-2100 Family DSP Microcomputers ADSP-2100 Family DSP Microcomputers
|
ANALOG DEVICES INC TE Connectivity, Ltd. Analog Devices, Inc. http://
|
ADSP-2104LKP-55 ADSP-2104KP-80 ADSP-2109LKP-55 ADS |
ADSP-2104/ADSP-2104L: Low Cost DSP Microcomputers Data Sheet (Rev. 0. 7/96) Low Cost DSP Microcomputers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
P1304UCLXX P0644UCLXX P0904UCLXX P1104UCLXX P0084U |
SIDACtor? Multiport Series MS-013 are designed to protect baseband equipment SIDACtor Multiport Series - MS-013
|
Littelfuse
|
A5030A A5030U A5030Z F1251T P0080SAMC P0300ZA P030 |
solid state crowbar devices 25 V, four-port metallic line protector 65 V, four-port longitudinal two-chip protector 58 V, four-port longitudinal two-chip protector 120 V, four-port metallic line protector 90 V, four-port metallic line protector 75 V, four-port metallic line protector 58 V, ethernet/10 base T/100 Base T protector 65 V, four-port metallic line protector 275 V, two-chip microcapacitance sidactor device 100 V, LCAS asymmetrical multiport device 400 V, multiport balanced sidactor device 100 mA, battrax quad negative SLIC protector 160 mA, battrax quad negative SLIC protector 200 mA, battrax quad negative SLIC protector 400 V, balanced three-chip sidactor device 200 mA, battrax dual negative SLIC protector 58 V, multiport SLIC protector 75 V, multiport SLIC protector 100 mA, battrax dual negative SLIC protector 160 mA, battrax dual negative SLIC protector 65 V, multiport SLIC protector 95 V, multiport SLIC protector 550 V, 50 mA, high surge current sidactor device 25 V, four-port longitudinal two-chip protector 90 V, four-port longitudinal two-chip protector 120 V, four-port longitudinal two-chip protector 190 V, four-port longitudinal two-chip protector 275 V, four-port longitudinal two-chip protector
|
Teccor Electronics
|
ADSP-21XX4444 ADSP-2100A ADSP-2101 ADSP-2101BG-100 |
ADSP-2100 Family DSP Microcomputers
|
AD[Analog Devices]
|
TS101-HARDWARE |
Development Tools for the ADSP-TS101S DSP
|
Analog Devices
|
ADSP-21061 ADSP-21061KS-133 ADSP-21061KS-160 ADSP- |
ADSP-2106x SHARC DSP Microcomputer Family
|
Analog Devices
|
ADSP-21060 ADSP-21060KB-160 ADSP-21060KS-133 ADSP- |
From old datasheet system ADSP-2106x SHARC DSP Microcomputer Family
|
AD[Analog Devices]
|
P3504UCMCL P0084UCMCL P0304UCMCL P0644UCMCL P0724U |
Multiport MicroCapacitance
|
Littelfuse
|
DSM2180F3V90K6 DSM2180F390K6 DSM2180F3V90T6 DSM218 |
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
|
STMICROELECTRONICS[STMicroelectronics]
|
DSM2190F4 DSM2190F4V DSM2190F4V-15K6 DSM2190F4V-15 |
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
|
STMICROELECTRONICS[STMicroelectronics]
|