PART |
Description |
Maker |
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
SDHF7.5KM SDHF2.5KM |
High Density,High Voltage,Fast Recovery Rectifier(反向电压7500V,温5℃时平均正向电流1A,高密高电快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
MC5611 MC5610 MC5616 MC5615 MC5612 MC5619 MC5613 M |
Fast Rectifier (100-500ns) FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
BYW100-200 BYW100-200RL |
Low noise low drop voltage regulator with shutdown function 高效快速恢复整流二极管 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
|
STMicroelectronics N.V. ST Microelectronics
|
RU4AJG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
FR101G FR102G FR103G FR104G FR105G FR106G FR107G |
Fast Recovery Pack: DO-41 FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
|
Gulf Semiconductor
|
FR104G-E FR106G-E FR102G-E FR101G-E FR103G-E |
Fast Recovery Pack: DO-41 FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
SHM80F SHM100F SHM20F SHM60F SHM140F SHM25F SHM40F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER 0.1 A, 6000 V, SILICON, SIGNAL DIODE 50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER 0.15 A, 4000 V, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid States Devices, Inc Solid State Devices, Inc. Solid States Devices, I...
|
FB4 |
HIGH VOLTAGE, HIGH CURENT, STANDARD & FAST RECOVERY, SILICON RECTIFIER DIODES
|
Electronic devices inc.
|
HVR-1X-3 HVR-1X-4 HVR-1X3 UX-FOB 2CL2F 2CL2G 2CL2H |
High Voltage Power Dioes Standard and Ultra Recovery 高压电源Dioes标准和超恢复 High Voltage Dioes Standard AND Ultra-FAST Recovery 高压Dioes标准和超快恢
|
HV Component ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
HFR130 HFR125 |
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
|
EIC[EIC discrete Semiconductors]
|