PART |
Description |
Maker |
MB88505H-P MB88508U-C-102 MB88508U-CF-101 MB88508U |
HIGH-SPEED CMOS SINGLE CHIP 4-BIT MICROCOMPUTER 高CMOS单芯位微 HIGH-SPEED CMOS SINGLE CHIP 4-BIT MICROCOMPUTER 高速CMOS单芯位微 High Speed CMOS Single-Chip 4-Bit Microcomputer
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
SAB83C515A-5N18-T3 SAB80C515A-M18-T3 SAB80C515A-N1 |
8-Bit CMOS Single-Chip Microcontroller High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125
|
SIEMENS AG
|
MB88501 |
High Speed CMOS Single-Chip 4-Bit Microcomputer
|
Fujitsu
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SAB80C517A-N18-T3 SAB-80C517A-N18 SAB83C517A-N18-T |
8-Bit CMOS Single-Chip Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑8态输出通用变换缓存SOIC-20封装 工作温度55℃_125
|
SIEMENS AG
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
BC847AF BC847BF BC847CF BC847F BC848BF BC846BF BC8 |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BL-HKC36D BL-HB336D BL-HGE36D BL-HJE36D BL-HA136D |
High Speed CMOS Logic Dual 2-Bit Bistable Transparent Latch 16-SOIC -55 to 125 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% SURFACE MOUNT CHIP LED LAMPS SURFACE MOUNT CHIP LED LAMPS
|
早安股份有限公司 http:// Yellow Stone Corp
|
TMP87CH00F |
High Speed, High Performance 8 Bit Single Chip Microcontroller,Serial Bus Interface.(涓茶??荤嚎?ュ?锛??????ц?8浣?井?у???
|
Toshiba Corporation
|