PART |
Description |
Maker |
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BSS98 Q62702-S635 Q62702-S053 Q62702-S517 SIEMENSA |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
AD802705 AD8028AR-REEL7 AD8028ARMZ-REEL AD8028ARMZ |
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO10 Low Distortion, High Speed Rail-to-Rail Input/Output Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
|
Analog Devices, Inc.
|
LTC2908IDDB-C1 LTC2908CDDB-C1 LTC2908CDDB-C1PBF LT |
Precision Six Input Supply Monitor; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 6-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Precision Six Input Supply Monitor; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 6-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Precision Six Input Supply Monitor; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C Precision Six Input Supply Monitor; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Illinois Tool Works, Inc. LINEAR TECHNOLOGY CORP
|
BUZ71 |
14A/ 50V/ 0.100 Ohm/ N-Channel Power MOSFET RP30 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 30 Watts 14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
|
Intersil Corporation
|
LTC2321-16 LTC2321-14 LTC2314-14 LT1818 LTC6652 LT |
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2321HUFD-16TRPBF |
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
AHE2812D-MSTR AHE2812D/CH-SLV AHE2812D/CH-MSTR AHE |
Ultralow Power Dual Comparators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel, ±10V Input 12-Bit, 100ksps ADC Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换
|
International Rectifier, Corp. OlympicControls, Corp.
|
LTC2323-12-15 |
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|