PART |
Description |
Maker |
MRUS51S |
Micro power Built-in IC ultra-minimum MR sensor
|
http:// NEC[NEC] NEC Corp.
|
TC9304F E005477 |
From old datasheet system SINGLE CHIP DTS MICRO CONTROLLER WITH BUILT-IN PRESCALER PLL LCD DRIVER (DTS-10) SINGLE CHIP DTS MICRO CONTROLLER WITH BUILT-IN PRESCALER.PLL.LCD DRIVER
|
TOSHIBA[Toshiba Semiconductor]
|
MAX153CPPCGP |
1Msps, µP Compatible, 8-Bit ADC with 1µA Power Down
|
MAXIM - Dallas Semiconductor
|
IRF5800 IRF5800TR IRF580003 |
Ultra Low On-Resistance, P-Channel MOSFET -30V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package
|
International Rectifier
|
IMP1815 IMP1817 IMP1816 IMP1812 IMP1811 IMP1810 IM |
Low Poower, 5V µP Reset, Power Management Low Poower, 3.3V µP Reset, Power Management Lo Low P w Po ow wer er, 5V , 5V µ µP P Reset From old datasheet system
|
iMP
|
V1900TO V1900SM |
Ultra Low phase noise VCO with built-in buffer amplifier
|
BOWEI Integrated Circuits CO.,LTD.
|
V4350SM V4350TO |
Ultra Low phase noise VCO with built-in buffer amplifier
|
BOWEI Integrated Circuits CO.,LTD.
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BD34704KS2 BD34704KS2-E2 |
7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
|
Rohm
|
XC25BS8051ER-G XC25BS8051MR-G XC25BS8041MR XC25BS8 |
Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
|
http:// Torex Semiconductor
|