PART |
Description |
Maker |
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
IDT72V273L6PF IDT72V243 IDT72V223 IDT72V253 IDT72V |
3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO 2K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO 4K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO 3.3伏高密度SUPERSYNC窄总线先进先出 RECEPTACLE, EMI, BACKSHELL, 360DEG; Gender:Receptacle; Ways, No. of:1; Series:RJF TV RoHS Compliant: No PLUG ASSEMBLY, 360DEG, EMI, BACKSHELL; Gender:Plug; Ways, No. of:1; Series:RJF TV RoHS Compliant: No
|
Integrated Device Technology, Inc. Integrated Device Technolog... Integrated Device Techn...
|
IDT72V7270L15 IDT72V7270L15BB IDT72V7290L15BB IDT7 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
|
IDT[Integrated Device Technology]
|
IDT72V7250 IDT72V7240 IDT72V72100 IDT72V7230 IDT72 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II? 72-BIT FIFO
|
IDT
|
IDT72V2103 IDT72V2113 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II? NARROW BUS FIFO
|
IDT
|
IDT72255 IDT72255LA10TF IDT72256LA10TF IDT72256LA1 |
8K x 18 SuperSync FIFO, 5.0V 16K x 18 SuperSync FIFO, 5.0V x18 Synchronous FIFO x18同步FIFO CMOS SUPERSYNC FIFO 先进先出的CMOS SUPERSYNC
|
IDT Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
IDT72271LA20PF8 IDT72271LA20PFI IDT72271LA10PF8 ID |
32K x 9 SuperSync FIFO, 5.0V 16K x 9 SuperSync FIFO, 5.0V CMOS SuperSync FIFO 32K X 9 OTHER FIFO, 12 ns, PQFP64
|
IDT Integrated Device Technology, Inc.
|
CBRLDSH2-40 CBRLDSH2-40-15 |
SURFACE MOUNT HIGH DENSITY HIGH DENSITY SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
IDT72V36100L7-5BB IDT72V36100L7-5BB8 IDT72V36100L7 |
64K x 36 SuperSync II FIFO, 3.3V 128K x 36 SuperSync II FIFO, 3.3V
|
IDT
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|