PART |
Description |
Maker |
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
FFP30U60DN FFP30U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 30 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FFP20U60DN FFP20U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 20 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB ULTRA FAST RECOVERY POWER RECTIFIER 20A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
1N4933RL 1N4934RL 1N4936RL |
1A 50V Fast-Recovery Rectifier 1A 100V Fast-Recovery Rectifier 1A 400V Fast-Recovery Rectifier
|
ON Semiconductor
|
CR5F-010 CR5F-100 CR5F-020 CR5F-040 CR5F-060 CR5F- |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER 5.0 AMP, 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
FR102 FR104 FR105 FR103 FR101 FR107 FR106 |
FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Ampere FAST RECOVERY RECTIFIER 快速恢复整
|
Chenyi Electronics CHENYI[Shanghai Lunsure Electronic Tech] Shanghai LUNSURE Electronic Technology Co., Ltd.
|
FFPF20U60 FFPF20U60S FFPF20U60STU |
20A/600V Ultra Fast Recovery Rectifier RECTIFIER DIODE,600V V(RRM),TO-220AC From old datasheet system ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
10ETF02STRL 10ETF02STRR 10ETF06STRL 10ETF06STRR 10 |
DIODE 10 A, 600 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
1N4002 1N4006 1N4003 1N4007 1N4007FF 1N4007RL 1N40 |
Axial Lead Standard Recovery Rectifiers 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 (1N4001 - 1N4007) Axial Lead Standard Recovery Rectifiers 1A 400V Standard Rectifier 1A 800V Standard Rectifier 1A 200V Standard Rectifier 1A 100V Standard Rectifier 1A 600V Standard Rectifier
|
http:// ONSEMI[ON Semiconductor]
|