PART |
Description |
Maker |
Q62703-Q3854 Q62703-Q2290 Q62703-Q3081 Q62703-Q251 |
Super TOPLED High-Current LED Shielded Paired Cable; Number of Conductors:2; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes DIODE FRED 200V 2X123A SOT-227
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Semiconductor G...
|
KYW35A2 KYW35K6 KYW35A05 KYW35A1 KYW35A3 KYW35A4 K |
Paired Cable; Number of Conductors:16; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Conductor Material:Copper; Impedance:110ohm; Jacket Color:Gray RoHS Compliant: Yes Silicon Press-Fit-Diodes
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
TMPR28051-3-SL5 TMPR28051 |
TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Number of Pairs:6; Impedance:100ohm; Voltage Nom.:300V RoHS Compliant: Yes
|
Agere Systems
|
X28LC513JI-25 X28LC512 X28LC512J-15 X28LC512J-20 X |
Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:16; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes 3.3 Volt, Byte Alterable E2PROM 3.3 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
BYT71-600 BYT71 2961 BYT71F-800 BYT71-800 |
FAST RECOVERY RECTIFIER DIODES Very low drop voltage regulators with inhibit FAST RECOVERY RECTIFIER DIODES From old datasheet system Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Foil; Shielding Coverage:100%; Number of Pairs:2; Leaded Process Compatible:Yes; Approval Bodies:UL RoHS Compliant: Yes
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BYT1300 BYT86-1300 BYT86 BYT86/1300 |
Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Features:Individual Beldfoil Shield RoHS Compliant: Yes CABLE 9537, 7CORE, PER M; Cores, No. of:7; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:5.31mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Very low drop voltage regulators with inhibit FAST RECOVERY SILICON POWER RECTIFIER
|
Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix] STMicroelectronics
|
11825-808 11825-818 FS6322-05 |
Paired Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Dual-Channel Audio Cable; Number of Conductors:2; Conductor Size AWG:25; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90% RoHS Compliant: Yes Three-PLL Clock Generator IC
|
AMI Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MIC2211-WSBML MIC2211-1.8_3.3BML MIC2211-JYBML MIC |
Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
161.54000 161.52000 161.51000 161.51500 161.47500 |
OF2-Fuse links for rated voltage up to 32 V 页用于额定电2保险丝链 TELCO 25-PAIR PVC 5 FT 2 FEMALE CONNECTORS TELCO 25-PAIR PVC 5 FT 1 MALE/1 FEMALE CONNECTOR TELCO 25-PAIR PVC 25 FT 1 FEMALE CNNCTR/1 OPEN Connector assemblies, Network cables; Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Number of Pairs:6; Capacitance:26.0pF RoHS Compliant: Yes
|
Littelfuse, Inc.
|
VN02AN VN02AN011Y VN02AN012Y 6066 VN02AN_012Y VN02 |
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH SIDE SMART POWER SOLID STATE RELAY From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SLD326YT-3 SLD326YT SLD326YT-1 SLD326YT-2 SLD326YT |
Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4W High Power Laser Diode
|
SONY[Sony Corporation]
|
21039-0494 21039-0351 21039-0289 21039-0496 21039- |
1MM FFC JUMPER 210390494 INTERCONNECTION DEVICE CABLE FLAT FLEX 18POS 1MM 10,3 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390289 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390496 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390491 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:10"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; No. of Contacts:12; No. of Conductors:12 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390490 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390499 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:4"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:28; Number of Conductors:28 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390495 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390498 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390575 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:3"; Pitch Spacing:0.039"; Color:White; Current Rating:1.3A; No. of Contacts:14; Voltage Rating:30V RoHS Compliant: Yes INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:3"; Pitch Spacing:0.039"; Color:White; Current Rating:1.3A; Number of Contacts:12; Voltage Rating:30V INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:8"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:16; Number of Conductors:16 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390518 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390512 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:1ft; Pitch Spacing:0.039"; Color:White; Current Rating:1.3A; Number of Contacts:14; Voltage Rating:30V INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:2"; Pitch Spacing:0.039"; Color:White; Current Rating:1.3A; Number of Contacts:18; Voltage Rating:30V INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:3"; Pitch Spacing:0.039"; Color:White; Current Rating:1.3A; No. of Contacts:20; Voltage Rating:30V RoHS Compliant: Yes INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:3"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:16; Number of Conductors:16 INTERCONNECTION DEVICE CABLE FLAT FLEX 30POS 1MM 5,3 INTERCONNECTION DEVICE CABLE FLAT FLEX 30POS 1MM 10,3 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:3"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; No. of Contacts:26; No. of Conductors:26 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390201 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:10"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:26; Number of Conductors:26 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:1ft; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:10; Number of Conductors:10 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390216 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390514 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390300 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:8"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:28; Number of Conductors:28 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:6"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; No. of Contacts:12; No. of Conductors:12 RoHS Compliant: Yes INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:8"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:22; Number of Conductors:22 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:5"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:20; Number of Conductors:20 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390224 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390432 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:6"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; No. of Contacts:22; No. of Conductors:22 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390465 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390477 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390470 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:8"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:30; Number of Conductors:30 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390478 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:5"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:8; Number of Conductors:8 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390306 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390310 INTERCONNECTION DEVICE Flat / Ribbon Cable; Pitch Spacing:1mm; Number of Conductors:14; Spool Length:8" INTERCONNECTION DEVICE 1MM FFC JUMPER 210390228 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:2"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:10; Number of Conductors:10 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390509 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390423 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390245 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390424 INTERCONNECTION DEVICE 1MM FFC JUMPER 210390235 INTERCONNECTION DEVICE CABLE FLAT FLEX 22POS 1MM 5,1 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:1ft; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:8; Number of Conductors:8 Flat / Ribbon Cable; Cable Length:10"; Pitch Spacing:1mm; Color:White; Current Rating:1.3A; Number of Contacts:8; Number of Conductors:8 1MM FFC JUMPER 210390524 1MM FFC JUMPER 210390246 1MM FFC JUMPER 210390264
|
Molex, Inc. Rabbit Semiconductor MOLEX INC
|