PART |
Description |
Maker |
MC022 |
0.85"x0.105" Substrate Size, Typical CTR = 250, Small Phototransistor Output
|
N.A.
|
BYT77 BYT78 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes FAST SILICON MESA RECTIFIERS From old datasheet system
|
Vishay Telefunken Vishay Intertechnology,Inc. Vishay Siliconix
|
BYT87-800 BYT87 BYT87-1000 BYT87-600 |
Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Features:Individual Beldfoil Shield; Temperature Max:105 C RoHS Compliant: Yes From old datasheet system Ultra Fast Recovery Silicon Power Rectifier
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
C21074110 C2107.41.10 |
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 10, Conductor/Strands: 105/30
|
General Cable Technologies Corporation
|
SC100..5.SERIES |
SCHOTTKY DIE 105 x 105 mils
|
International Rectifier
|
AD9432BST-105 AD9432/PCB AD9432BST-80 |
12-Bit, 80 MSPS/105 MSPS A/D Converter 12位,80 MSPS/105 MSPS的A / D转换
|
Analog Devices, Inc.
|
TA307 TA207 TA810 TA310 TA100 TA805 TA305 TA203 TA |
TA Series / Power Chip Resisters / Thick Film on Alumina Substrate Power Chip Resistors Thick Film on Alumina Substrate
|
Ohmite List of Unclassifed Manufacturers ETC[ETC]
|
DV20211 |
CHARACTER LCD MODULE display format: 20x2; module size: 182.5x60.0x20.0; viewing size: 147.0x35.2; dot size: 0.65x0.65; character size: 5.9x12.7;
|
Data International CO.LTD.
|
SC4004B |
CHARACTER LCD MODULE display format: 40x4; module size: 288.3x77.5x17.0; viewing size: 260.0x56.6; character size: 5.16x10.52; dot size: 1.00x1.28;
|
SUNLIKE
|
DV40200 |
CHARACTER LCD MODULE display format: 40x2; module size: 182.0x34x10.0; viewing size: 154.0x16.5; dot size: 0.60x0.65; character size: 3.20x5.55;
|
Data International CO.LTD.
|
WH2002A |
CHARACTER LCD MODULE display format: 20x2; module size: 116.0x37.0; viewing size: 85.0x18.6; character size: 3.20x5.55; dot size: 0.60x0.65;
|
WSTAR
|