Part Number Hot Search : 
U040EB 00C12 3DAS1 SF62G TSOP28PM MT3370BS TLP748J MP8001DS
Product Description
Full Text Search
  substrate Datasheet PDF File

For substrate Found Datasheets File :: 21963    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    4532 4534 4535 4537 4531 4533 4530 4536

TT Electronics / Welwyn
Welwyn Components Limited
Part No. 4532 4534 4535 4537 4531 4533 4530 4536
OCR Text ...ons (mm) of Uncoated Resistors* substrate Type 4531 4532 4533 4534 4535 4536 4537 L max 25.7 25.7 38.7 38.7 51.2 51.2 51.2 H max 9 13 9 13 9 13 25.7 T max 2 2 2 2 2 2 2 V nom 5.1 5.1 5.1 5.1 7.62 7.62 7.62 P nom 20.3 20.3 33.0 33.0 45.7 45....
Description High Voltage Planar Dividers

File Size 194.24K  /  2 Page

View it Online

Download Datasheet





    CHF5225CBF CHF5225CBF500L

Bourns Electronic Solutions
Part No. CHF5225CBF CHF5225CBF500L
OCR Text ...ination General Specifications substrate ...........................................Beo Resistive Film...........................Thick Film Tab .......................................................Ag Cover substrate.........................
Description 60 W Power RF Flanged Chip Termination

File Size 159.72K  /  1 Page

View it Online

Download Datasheet

    LINER[Linear Technology]
Part No. LTZ1000CH LTZ1000_06 LM399 LT1021 LT1236 LT1389 LTZ1000 LTZ1000A LTZ1000ACH LTZ100006
OCR Text ... JA = 400C/W 3 2 1 Heater to substrate ...................................................35V Collector Emitter Breakdown Q1 ...............................15V Collector Emitter Breakdown Q2 ...............................35V Emitter Bas...
Description    Ultra Precision Reference

File Size 123.72K  /  8 Page

View it Online

Download Datasheet

    HMC561

Hittite Microwave Corporation
Part No. HMC561
OCR Text ...oplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstri...
Description GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT

File Size 328.19K  /  6 Page

View it Online

Download Datasheet

    HMC594

Hittite Microwave Corporation
Part No. HMC594
OCR Text ...oplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstri...
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz

File Size 267.01K  /  6 Page

View it Online

Download Datasheet

    THAT140

List of Unclassifed Manufacturers
ETC
Part No. THAT140
OCR Text ... The resulting low collector-to-substrate capacitance produces a typical NPN ft of 350 MHz, 325 Mhz for the PNPs. This delivers AC performance similar to discrete 2N3904- and 2N3906-class devices. Dielectric isolation also minimizes crossta...
Description Quad Low-Noise NPN / PNP Transistor Array

File Size 45.36K  /  4 Page

View it Online

Download Datasheet

    CYD09S36V18 CYD04S36V18 CYD18S18V18 CYD04S18V18 CYD09S18V18 CYD18S36V18

Cypress Semiconductor
Part No. CYD09S36V18 CYD04S36V18 CYD18S18V18 CYD04S18V18 CYD09S18V18 CYD18S36V18
OCR Text ...ed in the 256-Ball FBGA package substrate design. This creates an error in the Variable Impedance Matching (VIM) feature on the FullFlex Dual-Ports, as the effective output driver impedance is halved when both resistors are populated. The w...
Description 18-Mb/9-Mb/4-Mb x36/x18 FullFlex?/a> Dual-Ports
18-Mb/9-Mb/4-Mb x36/x18 FullFlex Dual-Ports
18-Mb/9-Mb/4-Mb x36/x18 FullFlex垄芒 Dual-Ports
18-Mb/9-Mb/4-Mb x36/x18 FullFlex⑩ Dual-Ports

File Size 39.76K  /  2 Page

View it Online

Download Datasheet

    UPA2713GR

NEC Corp.
NEC[NEC]
Part No. UPA2713GR
OCR Text ... Cycle 1% 2 Mounted on ceramic substrate of 1200 mm x 2.2 mm Mounted on a glass epoxy board (1 inch x 1 inch x 0.8 mm), PW = 10 sec Starting Tch = 25C, VDD = -15 V, RG = 25 , L = 100 H, VGS = -20 0 V Remark Strong electric field, when ...
Description SWITCHING N- AND P-CHANNEL POWER MOS FET
SWITCHING P-CHANNEL POWER MOSFET

File Size 75.62K  /  7 Page

View it Online

Download Datasheet

    LHA01APTAI004

List of Unclassifed Manufacturers
Part No. LHA01APTAI004
OCR Text ... led heat d issipation substrate approval specification sheet for ta - i 004 series ta - i technology part number : lh a 01ap tai00 4 series customer approval: valid date release date ...
Description LED Heat Dissipation substrate

File Size 261.09K  /  6 Page

View it Online

Download Datasheet

For substrate Found Datasheets File :: 21963    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of substrate

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76603198051453