PART |
Description |
Maker |
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
NTE6006 NTE6007 NTE6008 NTE6009 NTE6011 NTE6010 |
Fast recovery rectifier, 200ns. Anode to case. Peak repetitive reverse voltage 400V. Average rectified forward current 40A. Fast recovery rectifier, 200ns. Cathode to case. Peak repetitive reverse voltage 400V. Average rectified forward current 40A. Fast recovery rectifier, 200ns. Anode to case. Peak repetitive reverse voltage 200V. Average rectified forward current 40A. Fast Recovery Rectifier / 40A / 200ns Fast Recovery Rectifier 40A 200ns Fast Recovery Rectifier, 40A, 200ns
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
BY229-200 BY229-800 BY229 BY229-400 BY229-600 BY22 |
Rectifier diodes fast, soft-recovery 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE FAST RECOVERY 1ST HEX SCHMITT inverter 3 to 8 line decoder Rectifier diodes fast, soft-recovery(快速,软恢复整流二极管) Octal bus buffer with 3 state outputs (inverted) Rectifier diodes fast/ soft-recovery
|
NXP Semiconductors N.V. Philips Semiconductors
|
1N5393 1N5399 1N5391 1N5392 1N5394 1N5395 1N5396 1 |
1.5A, 1000V ultra fast recovery rectifier 1.5 Amp Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5A, 200V ultra fast recovery rectifier 1.5A, 100V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
FFPF15U20DP FFPF15U20DPTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER Fast Recovery Power Rectifer(平均整流电流15A快速恢复功率整流器) 15 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
R6030835 R6021435 R6021235 R6021035 R6031035 R6031 |
FAST RECOVERY RECTIFIER 350 A, 1600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 400 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 800 V, SILICON, RECTIFIER DIODE, DO-9 Fast Recovery Rectifier (350Amperes Average 1600 Volts) 快速恢复整流器350安培平均1600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc. POWEREX INC
|
DLSR106 DLSR108 DLSR1010 |
1.0A, 80V ultra fast recovery rectifier 1.0A, 60V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier 1 Amp Schottky Barrier Rectifier 60 to 100 Volts
|
MCC[Micro Commercial Components]
|
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
1N4933RL 1N4934RL 1N4936RL |
1A 50V Fast-Recovery Rectifier 1A 100V Fast-Recovery Rectifier 1A 400V Fast-Recovery Rectifier
|
ON Semiconductor
|
FFP10U20DN FFP10U20DNTU |
10A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER FAST RECOVERY POWER FECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|