PART |
Description |
Maker |
IRD3902 IRD3909 IRD3899 IRD3912 IRD3903 IRD3900 IR |
20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES Hexfet? Power MOSFET 20 and 30 AMP Fast RECOVERY DIODES 20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES 20日和30放大器快速恢复整流二极管
|
IRF[International Rectifier] International Rectifier, Corp. Vishay Intertechnology, Inc.
|
SDA356 |
FAST & ULTRA FAST 1 AMP RECTIFIER ASSEMBLY
|
Solid States Devices
|
AD841SH/883B AD841SQ/883B AD841SE/883B AD841JH AD8 |
Wideband, Unity-Gain Stable, Fast Settling Op Amp Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, MBCY12 Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CQCC20 Wideband, Unity-Gain Stable, Fast Settling Op Amp OP-AMP, 5500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CDIP14 Wideband/ Unity-Gain Stable/ Fast Settling Op Amp
|
ANALOG DEVICES INC Analog Devices, Inc.
|
EDI441024C100BC EDI441024C70BM EDI441024C100FC EDI |
x4 Fast Page Mode DRAM High Performance Microprocessor with Memory Management and Protection; Temperature Range: -55°C to 125°C; Package: 68-PGA x4快速页面模式的DRAM 512x8 CMOS PROM; Temperature Range: -55°C to 125°C; Package: 24-SBDIP x4快速页面模式的DRAM
|
Welwyn Components, Ltd.
|
PR6001 PR6004 PR6007 PR6005 PR6002 PR6003 PR6006 |
(PR6001 - PR6007) 6 Amps Fast Recovery Rectifiers 6 AMP FAST RECOVERY RECTIFIER
|
ETC FUJI[Fuji Electric]
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
AD7524TD |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 8位数字到模拟转换
|
Electronic Theatre Controls, Inc.
|
AD380JH AD380SH AD380LH AD380KH AD380 |
Wideband, Fast-Settling FET-Input OP Amp WIDEBAND FAST-SETTING FET-INPUT OP AMP WIDEBAND, FAST-SETTING FET-INPUT OP AMP WIDEBAND/ FAST-SETTING FET-INPUT OP AMP
|
AD[Analog Devices] Analog Devices, Inc.
|
AD841SH_883B AD841SQ_883B AD841SE AD841JH AD841JN |
Wideband, Unity-Gain Stable,Fast Settling Op Amp(宽带,固定单位增益,快速运 Wideband/ Unity-Gain Stable/ Fast Settling Op Amp Wideband, Unity-Gain Stable, Fast Settling Op Amp
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
74F04 74F04_00 74F04PC 74F04SC 74F04SJ 74F04SCX 74 |
Hex Inverter; Package: SOIC; No of Pins: 14; Container: Tape & Reel F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MR752FR MR756FR MR758FR MR750FR MR7510FR MR751FR M |
6.0A, 1000V ultra fast recovery rectifier (MR750FR - MR7510FR) 6 Amp Fast Recovery Rectifier 50 to 1000 Volts
|
MCC[Micro Commercial Components] Micro Commercial Compon...
|