PART |
Description |
Maker |
SAK-C164CM-4EF SAK-C164CM-4RF C164SM |
16-Bit Single-Chip Microcontrol ler 16位单芯片Microcontrol莱尔
|
Infineon Technologies AG
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
Q67120-C850 SAB88C166-5M SAB88C166W-5M Q67120-C934 |
16-Bit CMOS Single-Chip Microcontrollers with/without oscillator prescaler with 32 KByte Flash EPROM
|
SIEMENS[Siemens Semiconductor Group]
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
HN27C101G HN27C101AG-17 |
IC EPROM UV 1MBIT 128K x 8 170NS 32CDIP 131072 word x 8 Bit CMOS UV EPROM
|
Renesas Technology / Hitachi Semiconductor
|
ST62T60B ST6263BM6 |
(ST62xxx) 8-BIT OTP/EPROM MCUs 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI 8位检察官办公存储器与阿微控制 D转换器,自动重加载定时器,EEPROM和的SPI
|
ST Microelectronics STMicroelectronics N.V.
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
MX27C256 MX27C256PC-10 MX27C256PC-12 MX27C256PC-15 |
256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDSO28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PQCC32 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 100 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 120 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 150 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 90 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28
|
PROM Macronix International Co., Ltd.
|
HN27C256H HN27C256HFP-10T HN27C256HFP-85T HN27C256 |
256K (32K x 8-bit) UV and OTP EPROM, 70ns 256K (32K x 8-bit) UV and OTP EPROM, 85ns 256K (32K X 8-BIT) UV AND OPT EPROM
|
Hitachi Semiconductor
|
Q67120-C850 Q67120-C934 SAB88C166W-5M SAB88C166-5M |
16-Bit CMOS Single-Chip Microcontrollers with/without oscillator prescaler with 32 KByte Flash EPROM High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125
|
SIEMENS AG
|
MQ87C196KC MQ87C196KD MA87C196KD |
16-Bit high-performance CHMOS microcontroller with on-chip EPROM. 16 KBytes EPROM, 512 Bytes RAM 16-Bit high-performance CHMOS microcontroller with on-chip EPROM. 32 KBytes EPROM, 1024 Bytes RAM
|
Intel
|