PART |
Description |
Maker |
MIC2039BYMT MIC2039BYM6 MIC2039FYM6 |
High-Accuracy, High-Side, Adjustable Current Limit Power Switch High-Accuracy, High-Side, Adjustable Current Limit Power Switch
|
Micrel Semiconductor
|
MAX5035 MAX5035AUPA MAX5035AUSA MAX5035BUPA MAX503 |
1A / 76V / High-Efficiency MAXPower Step-Down DC-DC Converter 1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter 1A6V、高MAXPower降压型DC-DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TLD1314EL TLD1314EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Infineon Technologies A... Marl International Limi...
|
BTS452R Q67060-S7405 BTS452-R |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-TSSOP -55 to 125 智能功率高边开 Smart Power High-Side-Switch Smart High Side Switches - 200mΩ, 6-52V 1,8A, P-TO-252-5
|
INFINEON[Infineon Technologies AG]
|
BTS716G BTS716 Q67060-S7025 |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-SO -55 to 125 Smart High Side Switches - 3,0-40V, 4x140mΩ Limit(scr) 6,5A DSO-20-9 Smart High-Side Power Switch Four Channels: 4 x 140m Status Feedback Smart High-Side Power Switch Four Channels: 4 x 140mз Status Feedback
|
INFINEON[Infineon Technologies AG]
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
33981 PC33981PNA/R2 MC33981 |
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m?up to 60 kHz) High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 mз up to 60 kHz) 高频率,大电流,自我保护的高边开关(4.0mз0千赫 High-Frequency/ High-Current/ Self-Protected High-Side Switch (4.0 m up to 60 kHz)
|
Motorola, Inc. Motorola Mobility Holdings, Inc. Motorola Inc
|
MAX5033 MAX5033AAS MAX5033AUP MAX5033AUS MAX5033BU |
500MA, 76V, HIGH-EFFICIENCY, MAXPOWER STEP-DOWN DC-DC CONVERTER 500mA 76V High-Efficiency MAXPower Step-Down DC-DC Converter
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BTS4142N Q67060-S6128 Q67060-S6121 |
Smart High-Side Power Switch 1 Channel: 1 x 200m?/a> Smart High-Side Power Switch 1 Channel: 1 x 200mз Smart High Side Switches - 1x200m? Vbb 12-45V, SOT 223
|
INFINEON[Infineon Technologies AG]
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|