PART |
Description |
Maker |
HGT1S11N120CNS HGTP11N120CN HGTG11N120CN HGT1S11N1 |
43A, 1200V, NPT Series N-Channel IGBT 43 A, 1200 V, N-CHANNEL IGBT, TO-263AB Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 3300uF; Voltage: 25V; Case Size: 16x25 mm; Packaging: Bulk 43 A, 1200 V, N-CHANNEL IGBT, TO-220AB 43A/ 1200V/ NPT Series N-Channel IGBT 43A 1200V NPT Series N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APT15GT120BR APT15GT120BRG APT15GT120SRG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: D3 [S]; BV(CES) (V): 1200; VCE(sat) (V): 3; IC (A): 15; 36 A, 1200 V, N-CHANNEL IGBT Thunderbolt IGBT
|
Microsemi, Corp. Microsemi Corporation
|
APT100GT120JR |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: ISOTOP®; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 60; 123 A, 1200 V, N-CHANNEL IGBT Thunderbolt IGBT
|
Microsemi, Corp. Microsemi Corporation
|
HGTP10N120BN HGTG10N120BN HGT1S10N120BNS HGT1S10N1 |
1200V, NPT Series N-Channel IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 35 A, 1200 V, N-CHANNEL IGBT, TO-263AB 35A/ 1200V/ NPT Series N-Channel IGBT 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, NPT N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGTP2N120BND HGT1S2N120BNDS HGT1S2N120BNDS9A |
12A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(12A, 1200V, NPT系列N沟道绝缘栅双极型晶体 72 MACROCELL 5 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 2 A, 1200 V, N-CHANNEL IGBT, TO-220AB 12 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
CM75DU-24H |
Dual IGBTMOD 75 Amperes/1200 Volts 75 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APT25GT120BRG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 25; 54 A, 1200 V, N-CHANNEL IGBT, TO-247AA
|
Advanced Power Technology, Ltd.
|
IXGN50N120C3H1 |
High-Speed PT IGBT for 20-50 kHz Switching 95 A, 1200 V, N-CHANNEL IGBT
|
IXYS Corporation
|
IRG4PSH71K |
78 A, 1200 V, N-CHANNEL IGBT 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-274AA package
|
International Rectifier
|
SEMIX553GAR128DS09 SEMIX553GAR128DS-09 |
SPT IGBT Modules 540 A, 1200 V, N-CHANNEL IGBT
|
Semikron International
|