PART |
Description |
Maker |
PCIE-7248 |
96/48/24-CH Opto-22 Compatible DIO Cards
|
List of Unclassifed Manufacturers
|
2950077 |
Diode block - EMG 22-DIO 7M
|
PHOENIX CONTACT
|
JHV3480 JHV34 JHV3412 JHV3416 JHV3420 JHV3424 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 46; IFSM (A): 800; Vrwm (V): 8000; IR (µA): 6000; 12 A, SILICON, RECTIFIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
NTE2945 |
SM DIO/SMBJ12A SMB UNI-DIR MOSFET的N沟道,增强模式高速开 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
SHM25UFSMS SHM15UFSMSTX SHM20UF RV0015C-15 |
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER 0.25 A, SILICON, SIGNAL DIODE HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, I...
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
HVR-1X-40B SHV-20 SHV-16 UX-F0B SHV-02 SHV-03 SHV- |
9kV,High-Voltage Rectifier Diodes(9kV,高压整流二极 0.35 A, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 4.5 V, SILICON, SIGNAL DIODE Ultra low profile, Two-piece, Discrete wire, FPC, and fine coaxial cable connectors; HRS No: 685-0018-5 05; No. of Positions: 14; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Ground plate for FPC type High-Voltage Rectifier Diodes
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric] http://
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
M50A M60A |
Axialleaded Hermetically Sealed High Voltage Standard Recovery Rectifier Diode(反向电压6000V,平均正向电60mA,轴向引脚,密封型,高压,标准恢复整流二极管) RECTIFIER, up to 6kV, 260mA, 5μs RECTIFIER, up to 6kV, 260mA, 5楼矛s
|
Semtech Corporation
|
USS75 USB UFB7.5 USB7.5 UFB2.5 UFS7.5 USS7.5 UFB75 |
RECTIFIERS ASSEMBLIES High Voltage Rectifier Standard Rectifier (trr more than 500ns)
|
Microsemi
|