PART |
Description |
Maker |
74ACT825 74ACT825SPC 74ACT825MTC 74ACT825SC 74ACT8 |
8-Bit D-Type Flip-Flop 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TSSOP -40 to 85 Octal D-Type Flip-Flop Two 1-Bit LVTTL/GTLP Adj-Edge-Rate Bus Xcvrs w Split LVTTL Port, Fdbk Path and Selectable Polarity 20-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
GTLP6C816A GTLP6C816AMTC GTLP6C816APMTCX |
LVTTL-to-GTLP Clock Driver
|
FAIRCHILD[Fairchild Semiconductor]
|
GTLP16T1655 GTLP16T1655MTD |
16-Bit LVTTL/GTLP Universal Bus Transceiver
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
GTLP8T306 GTLP8T306MTC GTLP8T306MTCX |
8-Bit LVTTL-to-GTLP Bus Transceiver From old datasheet system
|
Fairchild Semiconductor
|
74AHC14 74AHCT14 74AHCT14D 74AHCT14PW 74AHCT14PWDH |
8-Bit LVTTL-to-GTLP Bus Transceiver 24-SOIC -40 to 85 Hex inverting Schmitt trigger AHCT/VHCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ACTQ16244 74ACTQ16244MTD 74ACTQ16244SSC 74ACTQ16 |
GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 Quad 4-Bit Buffer/Driver 16-Bit Buffer/Line Driver with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation
|
2SK2094 |
Low on-resistance Fast switching speed Low-voltage drive Easily designed drive circuits
|
TY Semiconductor Co., Ltd
|
2SC982TM03 2SC982TM |
Transistor Silicon NPN Epitaxial Type (PCT process) (Darlington) Printer Drive, Core Drive and LED Drive Applications Low Frequency Amplifier Applications
|
Toshiba Semiconductor
|
746LT3 738BT3 738LT4 746LT1 746LT2 746BT4 730BT1 7 |
Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver 4-Port LVDS and LVTTL-to-LVDS Repeaters High-Precision Clock Generators with Integrated VCXO Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 模拟IC Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators 模拟IC Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators 模拟IC
|
Aavid Thermalloy, LLC Renesas Electronics, Corp. Vishay Intertechnology, Inc.
|
NB3V8312CMNG NB3V8312CFAR2G NB3V8312CFAG NB3V8312C |
Ultra-Low Jitter, Low Skew 1:12 LVCMOS/LVTTL Fanout Buffer
|
ON Semiconductor
|
K4S643232F-TL45 K4S643232F-TL55 K4S643232F-TL70 K4 |
IR LED 950NM 18 DEG DOUBLE END 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL 200万32内存12k × 32 × 4银行同步DRAM LVTTL
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
K4S281632C K4S281632C-TI K4S281632C-TI1H K4S281632 |
128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL 128Mbit SDRAM00万16 × 4银行同步DRAM LVTTL CONNECTOR ACCESSORY 连接器附
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|