PART |
Description |
Maker |
AD1555 AD1555AP AD1555APZ AD1555XP AD1556 AD1556AS |
24 Bit Sigma-Delta ADC with Low Noise PGA 24-Bit, 121 dB typical SNR, Sigma-Delta A/D converter with Integrated PGA; Package: PLCC; No of Pins: 28; Temperature Range: Industrial Digital Filter-Decimator for 24-Bit Sigma-Delta AD 24-Bit, 121 dB typical SNR, Sigma-Delta ADC with integrated PGA Digital Filter/Decimator for 24-Bit Sigma-Delta ADC 24-Bit - ADC with Low Noise PGA 24-Bit ADC WITH LOW NOISE PGA
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LTC2391ILX-16 LTC2391ILX-16PBF LTC2391CLX-16 LTC23 |
16-Bit, 250ksps SAR ADC with 94dB SNR
|
Linear Technology
|
LTC2376-16-15 |
16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
|
Linear Technology
|
LTC2377HMS-18PBF LTC2377HMS-18TRPBF |
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
|
Linear Technology
|
LTC2364-16 |
16-Bit, 250ksps, Pseudo-Differential Unipolar SAR ADC with 94.7dB SNR
|
Linear Technology
|
LTC2367-16 |
16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
|
Linear Technology
|
LTC2367CMS-16PBF LTC2367CDE-16PBF LTC2367CDE-16TRP |
16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
|
Linear Technology
|
EE2-5NU EE2-12NUX-R EE2-12NUX-L EE2-12NUX EE2-12NU |
POWER/SIGNAL RELAY, DPDT, LATCHED, 12VDC (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type Compact and lightweight High breakdown voltage Surface mounting type Replaced by PCM1602A : 105dB SNR 6-Channel Audio DAC 48-LQFP OSC 5V SMT PLAS 14X9 CMOS 105dB SNR 8-Channel Audio DAC 28-SSOP/QSOP -25 to 70 Replaced by PCM1754 : 97dB SNR Stereo DAC 14-SOIC Replaced by PCM1609A : 105dB SNR 8-Channel Audio DAC 48-LQFP 105dB SNR 8-Channel Audio DAC 48-LQFP -25 to 85 Serial Interrupt Stream Deserializer 48-LQFP Compact and lightweight, High breakdown voltage, Surface mounting type 小巧轻盈,击穿电压高,表面安装型 Replaced by PCM1798 : 106dB SNR Stereo DAC 28-SSOP 小巧轻盈,击穿电压高,表面安装型 Compact and lightweight/ High breakdown voltage/ Surface mounting type
|
NEC TOKIN CORP NEC[NEC] NEC Corp. NEC, Corp.
|
KTS1C1S250 |
Typical RDS(on) (N-Channel)=0.9 Typical RDS(on) (N-Channel)=2.1 Gate-source zener diode
|
TY Semiconductor Co., Ltd
|
HYB514400BJ-BT60 Q67100-Q749 Q67100-Q750 Q67100-Q7 |
1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 70 ns, PDSO20 1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 80 ns, PDSO20 RES 121-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA
|
SIEMENS AG Siemens Semiconductor G...
|
PIC17C756AT-33/L PIC17C756AT-33/PT PIC17C756AT-33E |
A newer device is available. Please consider PIC18F6520. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ... A newer device is available. Please consider PIC18F8520. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ...
|
Microchip
|