PART |
Description |
Maker |
MAX534 MAX534ACEE MAX534ACPE MAX534AEEE MAX534AEPE |
From old datasheet system 5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1454L LTC1454 LTC1454CS LTC1454IS LTC1454LCS 14 |
Dual 12-Bit Rail-to-Rail Micropower DACs DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO16 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 20-LCCC -55 to 125 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD5334BRUZ AD5344BRUZ |
2.5V to 5.5V, 500µA Quad Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC
|
MAX520 MAX520ACAP MAX520ACPE MAX520ACWE MAX520AEAP |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
74ABT16373BDL-T 74ABTH16373BDL-T |
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
NXP Semiconductors N.V. Cypress Semiconductor, Corp.
|
PI74FCT163245CV PI74FCT163245AA PI74FCT163245AK PI |
14-Bit Rail-to-Rail DACs in 10-Lead DFN; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 位总线收发 Quad 16-Bit Rail-to-Rail DACs with I2C Interface; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Dual 8-bit Bus Transceiver From old datasheet system BUS TRANSCEIVER,DUAL,8-BIT,FCT/PCT-CMOS,SSOP,48PIN,PLASTIC
|
3M Company Pericom Semiconductor Corp
|
ADDAC71H-COB-V ADDAC71H-COB-I ADDAC71H-CSB-V ADDAC |
500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 16-Bit Digital-to-Analog Converter 16位数字到模拟转换
|
ATM Electronic, Corp. Carlo Gavazzi Bourns, Inc.
|
5962H9322604VXC 5962H9322604VXA 5962H9322604VZC 59 |
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface Transceiver 5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers 收发
|
3M Company
|
MAX509BC/D MAX509AMJP |
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|