|
|
|
AD[Analog Devices]
|
Part No. |
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCPZ-250RL7 AD5624BCPZ-REEL7 AD5624BRMZ AD5664 AD5664ARMZ AD5664ARMZ-REEL7 AD5664BCPZ-250RL7 AD5664BCPZ-REEL7 AD5664BRMZ
|
Description |
2.7 V to 5.5 V, 450 μA, rail-to-rail Output, quad, 12-bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, rail-to-rail Output, quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, rail-to-rail Output, quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, rail-to-rail Output, quad, 12-/16-Bit nanoDACs
|
File Size |
509.39K /
24 Page |
View
it Online |
Download Datasheet |
|
|
|
AD[Analog Devices] Analog Devices, Inc.
|
Part No. |
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 AD7304BN AD7304BR AD7304BRU AD7304YR
|
Description |
3V/ 5V, rail-to-rail quad, 8-Bit DAC Parallel-IN 3V/ 5V, rail-to-rail quad, 8-Bit DAC Serial-IN 3 V/ 5 V rail-to-rail quad 8-Bit DAC 3 V/ 5 V/ rail-to-rail quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, rail-to-rail quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
File Size |
933.23K /
14 Page |
View
it Online |
Download Datasheet |
|
|
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
Part No. |
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471EKA-T MAX4471ESA MAX4472 MAX4472ESD MAX4472EUD MAX4474 MAX4474EKA-T MAX4474ESA MAX4474EUA MAX4464 MAX4464EUK-T MAX4464EXK-T
|
Description |
Single/Dual/quad, !.8V/750nA, SC70, rail-to-rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/quad, !.8V/750nA, SC70, rail-to-rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/quad / !.8V/750nA / SC70 / rail-to-rail Op Amps "Single, 1.8V/750nA, SC70, rail-to-rail Op Amps" Single/Dual/quad !.8V/750nA SC70 rail-to-rail Op Amps Single/Dual/quad, 1.8V/750nA, SC70, rail-to-rail Op Amps
|
File Size |
734.08K /
14 Page |
View
it Online |
Download Datasheet |
|
|
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
Part No. |
LTC2604IGNTR LTC2604IGN-1
|
Description |
quad 16-Bit rail-to-rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C quad, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO16
|
File Size |
358.81K /
16 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|