PART |
Description |
Maker |
SG117A SG117 SG217 SG217A SG317 SG317A JAN117K JAN |
Positive Adjustable Linear Voltage Regulators ADJUSTABLE POSITIVE REGULATOR, MBCY3 From old datasheet system 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR GT 6C 6#16 PIN RECP BOX ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
OM1320STM OM1320N2M OM1320NKM OM1320NMM OM1320NTM |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, CQCC20 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator
|
List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
LT1085ITPBF LT1085CMPBF LT1084CTPBF LT1084ITTRPBF |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2
|
Renesas Electronics, Corp. Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
LTC1844ES5-BYPPBF LTC1844ES5-BYPTRM LTC1844ES5-SDP |
1.25 V-6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.25 V-6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
LT1003 LT1003C LT1003CK LT1003M LT1003MK |
From old datasheet system 5 Volt, 5 Amp Voltage Regulator 5 Volt / 5 Amp Voltage Regulator DFK-MSTB 2,5/12-G WW(1X1) 5 V FIXED POSITIVE REGULATOR, MBFM2
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
LD1117-30-AA3-C-R LD1117-30-AB3-A-R LD1117-30-TA3- |
5.0 AMP POSITIVE VOLTAGE REGULATOR LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
|
??『绉???′唤?????? UTC[Unisonic Technologies] 友顺科技股份有限公司
|
LT1085IM-3.6 LT1085-FIXED LT1083-FIXED LT1085CT-12 |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 Positive Fixed Voltage Regulator 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
|
Linear Technology, Corp.
|
UA78HGASM UA78HGASC UA78HGA |
POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
|
FAIRCHILD[Fairchild Semiconductor]
|
LX8580-00CDD LX8580 LX8580-00CP LX8580-00 LX8580-0 |
Positive Adjustable Voltage Regulator From old datasheet system 7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI[Microsemi Corporation]
|