PART |
Description |
Maker |
OM1324NKM OM1324NMM |
1.5 A锛?.2 To 37V Three Terminal, Precision Adjustable Positive Voltage Regulator(1.5 A锛?.2 - 37V,涓??绮惧????璋???靛?绋冲???
|
|
LM317K |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
ST Microelectronics
|
LM317A LM317AG-AA3-R LM317AG-TA3-T LM317AG-TN3-R L |
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
Unisonic Technologies
|
LM317 LM317-AA3-R LM317-T30-Y LM317-TA3-T LM317-TF |
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
Unisonic Technologies
|
LM317 |
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
E-Tech Electronics LTD
|
NTE1911 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBFM2 3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
|
NTE[NTE Electronics]
|
HS9S-117RH/PROTO HSYE-117RH/PROTO HS2-117RH/PROTO |
Regulator, Linear, Adjustable 1.2V to 37V, 5mA to 1.25A, Rad-Hard Radiation Hardened Adjustable Positive Voltage Regulator Radiation Hardened Adjustable Positive Voltage Regulator
|
Intersil Corporation
|
LM117K LM117 LM317T |
1.2V TO 37V VOLTAGE REGULATOR
|
STMicroelectronics
|
77034052 7703405N 7703405T 7703405U 7703405Y OM132 |
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages MB 8C 8#20 PIN PLUG MB 3C 3#16 PIN PLUG MB 8C 8#20 SKT PLUG RoHS Compliant: No 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MMBZ52 MMBZ5235 MMBZ5250 MMBZ5243 MMBZ5256 MMBZ525 |
SURFACE MOUNT ZENER DIODES/SOT-23 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3A, 15V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD STANDARD; No of Pins: 5; Container: Rail; Qty per Container: 50 3A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switching Regulator; Package: 5 LEAD D2PAK; No of Pins: 5; Container: Rail; Qty per 3-36V Quad Comparator, Ta = -40 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 表面贴装稳压DIODES/SOT-23 100mA, Adjustable Output 3 to 24V, LDO Voltage Regulator with 60V Load Dump Protection; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
OM1323STM OM1323 OM1323N2M OM1323NKM OM1323NMM OM1 |
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.2 V-47 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Omnirel International Rectifier
|
LM317M ON0307 LM317MBSTT1 |
From old datasheet system Three-Termlnal Adjustable Output Posltlve Voltage Regulator Three-Terminal Adjustable Output Positive Voltage Regulator
|
ON Semiconductor
|