PART |
Description |
Maker |
LM2574-12 LM2574-15 LM2574-3.3 LM2574-5 LM2574-ADJ |
EASY SWITCHERE 0.5 A STEP-DOWN VOLTAGE REGULATOR Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 EASY SWITCHERE0.5 A STEP-DOWN VOLTAGE REGULATOR SWITCHERE.5降压稳压 OSC 5V 8PIN CMOS SWITCHERE.5降压稳压
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LM2575-ADJ LM2575 LM2575-5 LM2575-12 LM2575-3.3 LM |
From old datasheet system 1.0 A STEP-OWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⑩ 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⒙ 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
S8VK-G06012 S8VK-G03005 |
Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
|
Omron Electronics LLC
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|
CY7C1350G-250BGI CY7C1350G CY7C1350G-100AXC CY7C13 |
4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture Mechanism, 2-inch wide, compact, Easy Load and platen detect Mechanism, 2-inch wide, Hi-speed, compact Easy Load Parallel Mini Interface Board with cutter controller for 6x8MCL35x Mechanism, ELM w/low profile cutter (full or partial cut) Mechanism, 2-inch wide, Hi-speed, compact, rear feed and platen detect 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 Mechanism, 2-inch wide, compact Easy Load, 3V logic 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture 128K X 36 ZBT SRAM, 4 ns, PBGA119
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AZ34063P AZ34063MTR-E1 AZ34063P-E1 AZ34063 AZ34063 |
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 0.8A STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AN887 |
MICROCONTROLLERS MADE EASY
|
STMicroelectronics
|
PAC100-CXDA11 |
Easy mounting on PCB or socket
|
P-tec Corporation
|
PROG-CCCD PROG-EM2GO PROG-EMCD3 |
Easy-Mark Labeling Software
|
PANDUIT CORP.
|
OSCTXX |
Long life, easy installation
|
OptoSupply International
|