PART |
Description |
Maker |
E0C63B07 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,ROM7 Segment Type LCD Driver0000 Gates of Gate Array(4位CMOS、低电压、单片微型计算机(含4位E0C63000中央处理器核RAM,ROM7段LCD驱动器,10000门阵列))
|
爱普生(中国)有限公
|
CY7C63743C-PXC CY7C63722C-XC CY7C63722C11 CY7C6372 |
enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller enCoReUSB Combination Low-Speed USB and PS/2 Peripheral Controller 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDSO24 enCoReUSB Combination Low-Speed USB and PS/2 Peripheral Controller 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDSO18 enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
MAX4598CAPT |
Low-Voltage, Combination Single-Ended 8-to-1 Differential 4-to-1 Multiplexer 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO20
|
Maxim Integrated Products, Inc.
|
CY7C637XX CY7C63743 CY7C63723 CY7C63722 |
enCoRe?/a> USB Combination Low-speed USB enCoRe⑩ USB Combination Low-speed USB
|
Cypress Semiconductor
|
CY7C63722 CY7C63722-XC CY7C63723 CY7C63723-PC CY7C |
enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller enCoRe™ USB
Combination Low-Speed USB & PS/2
Peripheral Controller
|
CYPRESS[Cypress Semiconductor]
|
0898CF15A035E 0898CF15A035EPB 0898CF15A03509 0898C |
898 MHz Directional Coupler/ Low Pass Filter Combination
|
Johanson Technology Inc.
|
ZX3CD1S1M832TC ZX3CD1S1M832 ZX3CD1S1M832TA |
Schottky & Low Sat Transistor 12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
|
ZETEX[Zetex Semiconductors]
|
LB1837M LB1837 |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
CY7C63723-PXC CY7C63743-PXC CY7C63723-QXC |
enCoRe USB combination low-speed USB & PS/2 peripheral controller. EPROM size 8 KB.
|
Cypress
|
CFY25-20 CFY25-17 CFY25-23 Q62703-F107 Q62703-F106 |
Advanced PFC/PWM Combination Controllers 20-SOIC -40 to 105 Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization) 砷化镓场效应管(低噪声高增益对于前端放大器离子注入平面结构全部镀金) GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization) X BAND, GaAs, N-CHANNEL, RF SMALL SIGNAL, JFET
|
SIEMENS AG
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|