Part Number Hot Search : 
330M10 AME8822 17555 ON0872 511120 120EI NT91214B 04023
Product Description
Full Text Search
  single-ended Datasheet PDF File

For single-ended Found Datasheets File :: 22920    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LTM2884 LTM2884-15

Linear Technology
Part No. LTM2884 LTM2884-15
OCR Text ...1 + , d1 C , d2 + , d2 C ) v ih single-ended input high voltage l 2.0 v v il single-ended input low voltage l 0.8 v v hys single-ended input hysteresis 200 mv v diff differential input sensitivity |(d1 + C d1 C )| or |(d2 + C d2 C )| l 0....
Description    Isolated USB Transceiver with Isolated Power

File Size 413.39K  /  24 Page

View it Online

Download Datasheet





    PHB153NQ08LT

NXP SEMICONDUCTORS
Part No. PHB153NQ08LT
OCR Text ...n php153nq08lt to-220ab plastic single-ended package; heatsink mounted; 1 mounting hole; 3 leads sot78 phb153nq08lt d 2 -pak plastic single-ended surface mounted package; 3 leads (one lead cropped) sot404 table 3: limiting values in accorda...
Description 75 A, 75 V, 0.0066 ohm, N-CHANNEL, Si, POWER, MOSFET

File Size 90.66K  /  13 Page

View it Online

Download Datasheet

    MAX11126 MAX11127 MAX11122 MAX11121 MAX11125 MAX11128

Maxim Integrated Products
Part No. MAX11126 MAX11127 MAX11122 MAX11121 MAX11125 MAX11128
OCR Text ...ls that can be configured to be single-ended inputs, fully differential pairs, or pseudo-differential inputs with respect to one common input. the max11120C max11128 operate from a 2.35v to 3.6v supply and con - sume only 5.4mw at 1msp...
Description (MAX11120 - MAX11128) 4-/8-/16-Channel ADCs

File Size 2,722.15K  /  40 Page

View it Online

Download Datasheet

    RF Monolithics
Part No. SF1183G
OCR Text ...ating temperature t a -25 +80 c single ended input / output, impedance match no matching network required for operation at 50 ohms lid symbolization (2k=sf1183g y=year, w=week) 2k, yw sm2520-4 ? rf filter for cellular application ? 2.5 x ...
Description SAW Filter

File Size 380.49K  /  5 Page

View it Online

Download Datasheet

For single-ended Found Datasheets File :: 22920    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of single-ended

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.94432711601257