PART |
Description |
Maker |
AIT1005 |
PICOTUNER COMPLETE INTEGRATED DATA TUNER
|
ANADIGICS, Inc
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
UTC571 |
Linear Integrated Circuit COMPANDER COMPLETE COMPRESSOR AND EXPANDOR IN ONE ICHIP
|
Hangzhou Silan Microelectronics Unisonic Technologies
|
EUP8084 EUP8084-42-15JIR1 EUP8084-42-18JIR1 EUP808 |
Complete Linear Battery Charger with Integrated Buck Converter and LDO
|
Eutech Microelectronics Inc
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
CX24108 |
Digital Satellite Tuner RF IC Highly Integrated, Complete Broadband Satellite Front-End Solution
|
Conexant Systems, Inc
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7845 AD7845AQ AD7845AR AD7845BQ AD7845BR AD7845J |
0.3-17V; 650mW; LC2MOS complete 12-bit multiplying DAC. For automatic test equipment, digital attenuators, programmable power supplies Complete 12-Bit CMOS Multiplying DAC
|
Analog Devices http://
|
AD558T AD558KD AD558JP AD558TD AD558SD AD558JN AD5 |
DACPORT, Low-Cost Complete 渭P-Compatible 8-Bit DAC(瀹??????????浣?/A杞???? DACPORT, Low-Cost Complete μP-Compatible 8-Bit DAC(完备的电压输位D/A转换 RECTIFIER BRIDGE 1.5A 50V WOG DACPORT Low Cost. Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC DACPORT Low Cost/ Complete uP-Compatible 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADM1031 ADM1031ARQ |
Complete, ACPI Compliant, Dual Channel C Remote Thermal Monitor with Integrated Fan Controller for two Independent Fans, Pin Compatible with the ADM1030 Intelligent Temperature Monitor and Dual PWM Fan Controller
|
AD[Analog Devices]
|