PART |
Description |
Maker |
1206D 1206FD 1210UFD 1202D 1202FD 1202UFD 1210D 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1510FB |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
ABS2 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Voltage Range - 200 to 1000 Volts Current - 0.8/1.0 Ampere
|
Sangdest Microelectroni...
|
1502A 1502FA 1506A 1506FA 1506UFA 1510FA 1502UFA 1 |
200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time 1000 V single phase bridge 22-25 A forward current, 70 ns recovery time 1000 V single phase bridge 22-25 A forward current, 3000 ns recovery time 200 V single phase bridge 22-25 A forward current, 70 ns recovery time 1000 V single phase bridge 22-25 A forward current, 150 ns recovery time 600 V single phase bridge 22-25 A forward current, 70 ns recovery time 600 V single phase bridge 22-25 A forward current, 150 ns recovery time 600 V single phase bridge 22-25 A forward current, 3000 ns recovery time 200 V single phase bridge 22-25 A forward current, 150 ns recovery time 200 V single phase bridge 22-25 A forward current, 3000 ns recovery time
|
Voltage Multipliers Inc...
|
MB6S |
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
|
GOOD-ARK Electronics
|
1202UFC 1206UFC 1210UFC 1210FC 1206FC 1202FC 1206C |
200 V single phase bridge 3.0 A forward current, 70 ns recovery time 600 V single phase bridge 3.0 A forward current, 70 ns recovery time 1000 V single phase bridge 3.0 A forward current, 70 ns recovery time 1000 V single phase bridge 3.0 A forward current, 150 ns recovery time 600 V single phase bridge 3.0 A forward current, 150 ns recovery time 200 V single phase bridge 3.0 A forward current, 150 ns recovery time 600 V single phase bridge 3.0 A forward current, 3000 ns recovery time
|
Voltage Multipliers
|
LTI1406UFT LTI1410UFT LTI1402FT |
600 V single phase bridge 20-25 A forward current, 70 ns recovery time 1000 V single phase bridge 20-25 A forward current, 70 ns recovery time 200 V single phase bridge 20-25 A forward current, 150 ns recovery time
|
Voltage Multipliers
|
1106FD 1102UFD 1106D 1102D 1102FD 1110FD 1106UFD |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
PDUMH15HVNET |
2.3-2.9kW Single-Phase Switched PDU with LX Platform network interface, 200-240V (8 C13), C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount, TAA
|
Tripp Lite. All Rights ...
|
MB05S MB10S MB8S MB1S MB2S MB4S MB6S |
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts (MB05S / MB1S - MB10S) 0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
1102FB 1110UFB 1102B 1102UFB 1106B 1106FB 1106UFB |
200 V - 1,000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.]
|