PART |
Description |
Maker |
03-06-1056 03-06-2054-V 03-06-2055-V 03-06-1055-V |
Connector Housing; Gender:Receptacle; Number of Contacts:5; Series:1625; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Pitch Spacing:1.57mm 5 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE .062/(1.57) HOUSINGS PLUG & RECEPTACLE 5 CIRCUIT, . 145 / (3.68)
|
Molex, Inc. Molex Electronics Ltd.
|
03-06-1157 |
062 Pwr Conn Receptacle Lock 15Ckt 15 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
NXP Semiconductors N.V.
|
61082-081026 61082-14400LF 61082-123400LF 61082-16 |
80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE BERGSTAK 0.8MM RECEPTACLE ASSY 1.MATERIAL HOUSING LCP UL 94V-O
|
FCI connector
|
240-384JM15-35P 240-384JP15-35PPCDNL 240-384JP15-3 |
15 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, SOLDER, RECEPTACLE Filter Connector Jam Nut Receptacle
|
Glenair, Inc.
|
790-043P-K9PMN 790-043P-K9PMP 790-043P-K9PMTN 790- |
13 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 5 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 2 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 17 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE Straight Printed Circuit Board Connectors
|
Glenair, Inc.
|
54150-0878 |
Board-to-board receptacle; No. of Contacts:80; Pitch Spacing:0.02"; No. of Rows:2; Mounting Type:PCB SMT; Connector Style:Vertical; Current Rating:0.5A; Gender:Receptacle; Series:SlimStack; Voltage Rating:50V RoHS Compliant: Yes
|
MOLEX INC
|
245087060900861 245087030900829 |
CONN, SMT RECEPTACLE 60POS 0.5MMSP W/TAPE 60 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE 30 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
AVX, Corp. AVX CORP
|
15-44-5876 15-44-5860 15-44-5870 15-44-6826 15-44- |
CGrid VT Rcpt 15 SAu 76Ckt 76 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE DUAL ROW VERTICAL PCB RECEPTACLE - 60 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt 15 SAu 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt Tin 26Ckt 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt 30 SAu 4Ckt Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.1 Pitch,PC TAIL Terminal RoHS Compliant: Yes 15445110 CGrid VT Rcpt 30 SAu 22Ckt CGrid VT Rcpt 30 SAu 14Ckt CGrid VT Rcpt 30 SAu 32Ckt CGrid VT Rcpt 15 SAu 48Ckt
|
Molex, Inc. MOLEX INC
|
180-063-9-5NF 180-063-15-5M 180-063-21-5C 180-063- |
4 Channel Micro-D Fiber Optic Receptacle Connector for Glenair Front Release Pin Terminus 181-012 SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
185-001NF08-13-2NM 185-001NF08-13-2NS 185-001NF08- |
Expanded Beam Fiber Optic Threaded Coupling Jam Nut Receptacle Connector MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
M90-3101F10SL-4P |
Circular Cable Connector, Receptacle shell, Male contacts, 2-way, silver 2 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Harwin PLC
|
|