PART |
Description |
Maker |
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
SGMB201209 SGMB201209R202 SGMB201209S800 SGMB20120 |
MULTILAYER FERRITE CHIP BEADS 多层铁氧体片式磁 BNC Adapter; Body Style:Tee Adapter RoHS Compliant: Yes 多层铁氧体片式磁 BNC Adapter; Body Style:Right Angle Adapter, Jack-Plug; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:UHF Jack; Convert To:N Plug RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:59, 62, 140, 210, 302 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes BNC Adapter; Body Style:Straight Bulkhead Adapter, Jack-Jack; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp/Solder; Impedance:50ohm; Body Style:Panel Jack Receptacle; RG Cable Type:55, 58, 141; Approval Categories:UG-1095A/U; Body Material:Brass; Frequency Max:11GHz RoHS Compliant: Yes From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
BA9743AFV11 |
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
ADM1175-2ARMZ-R7 ADM1175-3ARMZ-R7 ADM1175-4ARMZ-R7 |
Hot Swap Controller and Digital Power Monitor with Convert Pin
|
Analog Devices, Inc.
|
CY2309ZI-1 CY2309SC-1 CY2309SC-1H CY2309SC-1HT CY2 |
LOW-COST 3.3V ZERO DELAY BUFFER 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LOW-COST 3.3V ZERO DELAY BUFFER 2305 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Jack-Jack RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Plug; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 RF/Coaxial Connector; RF Coax Type:UHF; Contact Termination:Solder; Body Style:Straight Bulkhead Receptacle; Body Plating:Nickel RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LOW-COST 3.3V ZERO DELAY BUFFER 2305 SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 RF Coaxial Connector Adapter; Body Plating:Passivated Steel; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes 2309 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
SFA050XS1-OR |
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
|
BEYONDINFINITE
|
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RH5RHXX2B RH5RHXX3B RH5RHXX1A RH5RH691A-T1 RH5RH69 |
PWM Set-up DC/DC Converter PWM step-up DC/DC converter. Output voltage 6.9V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.9V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 6.9V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.9V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 6.9V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 4.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 4.1V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.1V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.1V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.1V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.2V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.2V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.2V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.3V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 7.3V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.3V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 7.3V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 5.9V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. Internal Lx Tr. driver (oscillator frequency 50kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. External Tr. driver (oscillator frequency 100kHz). Taping type T2 PWM step-up DC/DC converter. Output voltage 6.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T1 PWM step-up DC/DC converter. Output voltage 6.0V. Internal Tr./External Tr. (selectively available) (oscillator frequency 100kHz, with chip enable function). Taping type T2
|
Ricoh
|
|