PART |
Description |
Maker |
SI-3025KS |
Surface Mount Linear Regulator IC Surface-Mount / Low Current Consumption / Low Dropout Voltage Dropper Type
|
Sanken ETC
|
SI-3025LSA SI-3033LSA SI-3050LSA SI-3000LSA SI-301 |
Surface Mount Linear Regulator IC SURFACE-MOUNT, LOW CURRENT CONSUMPTION, LOW DROPOUT VOLTAGE DROPPER TYPE
|
Sanken ETC[ETC] List of Unclassifed Manufacturers
|
91804-0415 91804-0455 91804-0417 91804-8451 |
4XLL CON W/PNL W/RMNT MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL W/PNLMNT 4SDRPSTS MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL CON W/PNL O/RMNT MTLGKT W/EMI TRAY Right angle I/O latch receptacle; No. of Contacts:8; Pitch Spacing:0.5mm; No. of Rows:1; Mounting Type:PCB SMT; Color:Black; Current Rating:0.5A; Features:2 solder posts; Gender:Receptacle; Series:LaneLink?; Voltage Rating:30V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
1N4626 1N4110 1N4620 1N4624 1N4104 1N4627 1N4099 1 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 ZFKDSA 1.5C-5.0- 6 SO BN-GN SPC 16/ 6-ST-10,16 GMSTB 2,5/ HC/ 3-GF-7.62 LOW LEVEL ZENER DIODES LOW CURRENT: 250レA - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250A - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250μA - LOW NOISE
|
Microsemi, Corp. Knox SemiconductorInc KNOX[Knox Semiconductor, Inc] KNOX[Knox Semiconductor Inc]
|
HNC1-2.5P-12DSL HNC2-2.5P-10DS HNC2-2.5P-10DSL HNC |
2.5mm Pitch Connector for Discrete Wire Connection 2.5毫米间距连接线连接离 RESISTOR 2.4 OHM .5W CARB COMP 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape INDUCTOR 2525CZ 0.47 UH 20% LOW PROFILE HIGH CURRENT Inductor; Inductor Type:High Frequency; Inductance:2.2uH; Inductance Tolerance: 20 %; Current Rating:8A; Series:IHLP-2525CZ; Package/Case:PCB Surface Mount; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
SI-3012LU |
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
|
Sanken electric
|
CMPSH1-4LE10 |
SURFACE MOUNT HIGH CURRENT LOW VF, LOW LEAKAGE SILICON SCHOTTKY RECTIFIER
|
Central Semiconductor Corp
|
PQ1UXX1M2ZPH PQ1U181M2ZPH PQ1U251M2ZPH PQ1U281M2ZP |
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
DDZ9678 |
SURFACE MOUNT LOW CURRENT ZENER DIODE
|
Diodes
|
NSL12AW NSL12AWT1 NSL12AW-D |
High Current Surface Mount PNP Silicon Low V CE(sat) Transistor for Battery Operated Applications High Current Surface Mount PNP Silicon Low VCE(sat) Transistor for Battery Operated Applications TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 2A I(C) | SOT-363
|
ON Semiconductor
|
LRB501V-40T1G LRB501V-40T1G11 LRB501V-40T3G |
Surface Mount Schottky Diode Low current rectification
|
Leshan Radio Company
|