PART |
Description |
Maker |
RT9161-33CV |
Iout(mA) = 300 ;; IGND1( GA) = 110 ;; Output Voltage(V) = 1.5~5.0 ;; Vin (Min) = ;; Vin (Max) = 14 ;; Accuracy(%) = 2 ;; Features /
|
RICHTEK
|
SIL05E SIL05E-05W3V3-VJ |
0.75 Vin to 3.63 Vin Single output
|
ARTESYN[Artesyn Technologies]
|
SMT10E-05S1V5J SMT10E SMT10E-05S1V2J SMT10E-05S1V8 |
3.0 Vin to 5.5 Vin Single output
|
Artesyn Technologies
|
HYB25L128160AC-7.5 HYE25L128160AC-7.5 |
Specialty DRAMs - 128M (8Mx16) 133MHz 3-3-3 Specialty DRAMs - 128M (8Mx16) 133MHz 3-3-3 Ext. Temp
|
Infineon
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
LBT13301 |
133MHz SAW Filter 10MHz Bandwidth
|
SIPAT Co,Ltd
|
HYB25L256160AC-7.5 |
Specialty DRAMs - 256M (16Mx16) 133MHz 3-3-3
|
Infineon
|
ICS932S203 932S203YGLXT 932S203YFLXT |
Frequency Generator with 133MHz Differential CPU Clocks
|
http:// Integrated Device Technology
|
IS25LP032 IS25LP064 IS25LP128 |
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
|
Integrated Silicon Solu...
|
IS25WP016 IS25WP040 |
1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
|
Integrated Silicon Solu...
|
W219B |
Frequency Generator for Integrated Core Logic with 133MHz FSB
|
SpectraLinear Inc
|
HYE25L256160AC-7.5 |
Specialty DRAMs - 256M (16Mx16) 133MHz 3-3-3 Ext. Temp.
|
Infineon
|