PART |
Description |
Maker |
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
RT9182GPES |
Up to 200mA Output Current (Each LDO)
|
TY Semiconductor Co., Ltd
|
MIC5201-5.0BM MIC5201-5.0BS MIC5201-5.0YM MIC5201- |
200mA Low-Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 IC REG LDO 200MA 5.0V 1% SOT223
|
Micrel Semiconductor MICREL INC
|
RT916849PBR RT916816PBR RT916815PBR RT916815GBR RT |
200mA/500mA Fixed Output Voltage LDO Regulator
|
Richtek Technology Corporation Richtek Technology Corp...
|
P6KE P6KE250 P6KE180 P6KE400 P6KE30 P6KE250A P6KE2 |
Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 玻璃钝化结瞬态电压抑制器 0.14 GHz to 1.5 GHz Quadrature Modulator 16-VQFN -40 to 85 玻璃钝化结瞬态电压抑制器 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 玻璃钝化结瞬态电压抑制器 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 Automotive Catalog 10-mA, 3-V Micro-Power LDO Voltage Regulator in SC-70 5-SC70 -40 to 125 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRSYS Transys Electronics, Ltd. Transys Electronics Ltd. Shanghai Sunrise Electronics
|
IRU3018CW IRU3018CWTR |
5 Bit Prog SynchBuck CIC Adj LDO 200mA LDO Regul in a 24-Pin SOIC(WB) package
|
International Rectifier
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LT3082ESTTRPBF LT3082ISTTRPBF LT3082MPSTTRPBF LT30 |
200mA Single Resistor Low Dropout Linear Regulator 0 V-38.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.65 V DROPOUT, PDSO8
|
LINEAR TECHNOLOGY CORP
|
|